Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HAL856 Fiches technique(PDF) 84 Page - Micronas

No de pièce HAL856
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICRONAS [Micronas]
Site Internet  http://www.micronas.com
Logo MICRONAS - Micronas

HAL856 Fiches technique(HTML) 84 Page - Micronas

Back Button HAL856 Datasheet HTML 80Page - Micronas HAL856 Datasheet HTML 81Page - Micronas HAL856 Datasheet HTML 82Page - Micronas HAL856 Datasheet HTML 83Page - Micronas HAL856 Datasheet HTML 84Page - Micronas HAL856 Datasheet HTML 85Page - Micronas HAL856 Datasheet HTML 86Page - Micronas HAL856 Datasheet HTML 87Page - Micronas HAL856 Datasheet HTML 88Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 102 page
background image
HAL8xy, HAL100x
APPLICATION NOTE
Programmer Board
84
Sept. 19, 2013; APN000046_03EN
Micronas
7.1.
Definition of the Protocol
The general syntax is as follows (blanks are given for better readability only):
PC
Board:
STX BCMD [CMD CP ADR AP] [DAT3 DAT2 DAT1 DAT0 DP] ETX
Board
PC:
STX STATUS DAT3 DAT2 DAT1 DAT0 DP ETX
The characters in brackets [...] are optional, depending on the board command BCOM.
Table 7–1:
Description of the characters
Character
Description
STX
ASCII character 2
ETX
ASCII character 3
BCMD
Board command
CMD
Command
CP
Command parity
ADR
Address
AP
Address parity
DAT3
DAT2
DAT1
DAT0
Data characters, each encoding 4 bit in HEX format.
Example:
0 1 f 0 (HEX) = 496
DP
Data parity
STATUS
Status/error flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More