| Moteur de recherche de fiches techniques de composants électroniques |
|
HAL856 Fiches technique(PDF) 57 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
HAL856 Fiches technique(HTML) 57 Page - Micronas |
|
57 / 102 page ![]() APPLICATION NOTE HAL8xy, HAL100x Programmer Board Micronas Sept. 19, 2013; APN000046_03EN 57 Step 5: Store the registers permanently. The “Store” sequence is given in Fig. 5–8. The permanent storing of data into the EEPROM memory is a two-step process. First, all zero bits (ERASE), then all one bits (PROM) are written. Fig. 5–8: Store sequence BEGIN SET PROGRAMMING PULSE WIDTH STX u CHR$(100) ETX [Pulse Width 100 ms] END ERASE STX m 5 1 1 1 ETX [acts on all EEPROM registers] PROM STX m 4 0 1 1 ETX [acts on all EEPROM registers] |