| Moteur de recherche de fiches techniques de composants électroniques |
|
HAL856 Fiches technique(PDF) 16 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
HAL856 Fiches technique(HTML) 16 Page - Micronas |
|
16 / 102 page ![]() HAL8xy, HAL100x APPLICATION NOTE Programmer Board 16 Sept. 19, 2013; APN000046_03EN Micronas 3.4.1. Firmware Update The HAL Programmer V5.1 is equipped with a flash-memory. Thus, firmware-upgrades can be done easily by flashing the new firmware into this memory. For this purpose the software-tool-kit ‘FLASH IT’ is provided. 1. Unzip the package ‘Flashit.zip’ into a suitable working directory. When unzipping with ‘WinZip’ a sub-folder ‘\Flashit’ will be generated. 2. Close the jumper ‘BOOT’ beneath the ‘Reset’-button of the HAL Programmer Board. 3. Push the ‘Reset’-button. 4. Open the jumper ‘BOOT’ again. 5. Start the executable ‘Bootload.exe’ by double-clicking the icon in \Flashit. 6. After hitting the icon, the flash process starts. Fig. 3–2: Flash procedure Note: The flash process lasts for about 10 – 15 min. After the process has finished, the board will be reset automatically and the new firmware will start working. Note: The firmware to be loaded into the flash-memory is called ‘HALFLASH.H86’. It must be stored in the same folder where the executable is located. |