| Moteur de recherche de fiches techniques de composants électroniques |
|
HAL856 Fiches technique(PDF) 14 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
HAL856 Fiches technique(HTML) 14 Page - Micronas |
|
14 / 102 page ![]() HAL8xy, HAL100x APPLICATION NOTE Programmer Board 14 Sept. 19, 2013; APN000046_03EN Micronas 3.3. Recommended Wiring We recommend connecting the application to the board using shielded wires. In order to minimize the risk of electromagnetic disturbances, the cable should be as short as possible. Note: Especially in noisy environments beneath power switches, electromagnetic actuators, and the like, EMI-compliant layout of the wiring is mandatory. For recommended cable parameters, please refer to Table 3–2. Note: The programmer board reads back the programming voltage every 80 µs in order to be able to detect short spikes on the output voltage line. If cables other than those specified in Table 3–2 are used, such spikes may not be detected by the board. |