Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HAL856 Fiches technique(PDF) 101 Page - Micronas

No de pièce HAL856
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICRONAS [Micronas]
Site Internet  http://www.micronas.com
Logo MICRONAS - Micronas

HAL856 Fiches technique(HTML) 101 Page - Micronas

Back Button HAL856 Datasheet HTML 94Page - Micronas HAL856 Datasheet HTML 95Page - Micronas HAL856 Datasheet HTML 96Page - Micronas HAL856 Datasheet HTML 97Page - Micronas HAL856 Datasheet HTML 98Page - Micronas HAL856 Datasheet HTML 99Page - Micronas HAL856 Datasheet HTML 100Page - Micronas HAL856 Datasheet HTML 101Page - Micronas HAL856 Datasheet HTML 102Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 101 / 102 page
background image
APPLICATION NOTE
HAL8xy, HAL100x
Programmer Board
Micronas
Sept. 19, 2013; APN000046_03EN
101
Step 6:
The “Store” sequence is given in Fig. 7–8. The permanent storing of data into the
EEPROM memory is a two-step process. First, all zero bits (ERASE), then all one bits
(PROM) are written.
Fig. 7–8:
Store sequence
BEGIN
SET PROGRAMMING PULSE WIDTH
STX u CHR$(100) ETX
[Pulse Width 100 ms]
END
ERASE - PROM - READ
STX c 5 1 3 0 4 0 3 0 6 1 0 0 ETX
[acts on all EEPROM registers]
SET DELAY OF ACKNOWLEDGE
STX y CHR$(18) ETX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More