Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 183 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 183 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 179Page - Microchip Technology PIC18F4331 Datasheet HTML 180Page - Microchip Technology PIC18F4331 Datasheet HTML 181Page - Microchip Technology PIC18F4331 Datasheet HTML 182Page - Microchip Technology PIC18F4331 Datasheet HTML 183Page - Microchip Technology PIC18F4331 Datasheet HTML 184Page - Microchip Technology PIC18F4331 Datasheet HTML 185Page - Microchip Technology PIC18F4331 Datasheet HTML 186Page - Microchip Technology PIC18F4331 Datasheet HTML 187Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 396 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS39616B-page 181
PIC18F2331/2431/4331/4431
17.0
POWER CONTROL PWM
MODULE
The Power Control PWM module simplifies the task of
generating
multiple,
synchronized
pulse
width
modulated (PWM) outputs for use in the control of
motor controllers and power conversion applications.
In particular, the following power and motion control
applications are supported by the PWM module:
• Three-phase and Single-phase AC Induction
Motors
• Switched Reluctance Motors
• Brushless DC (BLDC) Motors
• Uninterruptible Power Supplies (UPS)
• Multiple DC Brush Motors
The PWM module has the following features:
• Up to eight PWM I/O pins with four duty cycle
generators. Pins can be paired to get a complete
half-bridge control.
• Up to 14-bit resolution, depending upon the PWM
period.
• “On-the-fly” PWM frequency changes.
• Edge- and Center-aligned Output modes.
• Single-pulse Generation mode.
• Programmable dead time control between paired
PWMs.
• Interrupt support for asymmetrical updates in
Center-aligned mode.
• Output override for Electrically Commutated
Motor (ECM) operation; for example, BLDC.
• Special Event comparator for scheduling other
peripheral events.
• PWM outputs disable feature sets PWM outputs
to their inactive state when in Debug mode.
The Power Control PWM module supports three PWM
generators and six output channels on PIC18F2X31
devices, and four generators and eight channels on
PIC18F4X31 devices. A simplified block diagram of the
module is shown in Figure 17-1. Figure 17-2 and
Figure 17-3 show how the module hardware is config-
ured for each PWM output pair for the complementary
and independent output modes.
Each functional unit of the PWM module will be
discussed in subsequent sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com