Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 180 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 180 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 176Page - Microchip Technology PIC18F4331 Datasheet HTML 177Page - Microchip Technology PIC18F4331 Datasheet HTML 178Page - Microchip Technology PIC18F4331 Datasheet HTML 179Page - Microchip Technology PIC18F4331 Datasheet HTML 180Page - Microchip Technology PIC18F4331 Datasheet HTML 181Page - Microchip Technology PIC18F4331 Datasheet HTML 182Page - Microchip Technology PIC18F4331 Datasheet HTML 183Page - Microchip Technology PIC18F4331 Datasheet HTML 184Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 396 page
background image
PIC18F2331/2431/4331/4431
DS39616B-page 178
Preliminary
 2003 Microchip Technology Inc.
16.3
Noise Filters
The Motion Feedback module includes three noise
rejection filters on CAP1/INDX, CAP2/QEA and
CAP3/QEB. The filter block also includes a fourth filter
for the T5CKI pin. They are intended to help reduce
spurious noise spikes which may cause the input sig-
nals to become corrupted at the inputs. The filter
ensures that the input signals are not permitted to
change until a stable value has been registered for
three consecutive sampling clock cycles.
The filters are controlled using the Digital Filter Control
(DFLTCON) register (see Register 16-3). The filters
can be individually enabled or disabled by setting or
clearing
the
corresponding
FLTxEN
bit
in
the
DFLTCON register. The sampling frequency, which
must be the same for all three noise filters, can be
programmed by the FLTCK2:FLTCK0 configuration
bits. TCY is used as the clock reference to the clock
divider block.
The noise filters can either be added or removed from
the input capture or QEI signal path by setting or
clearing the appropriate FLTxEN bit, respectively. Each
capture channel provides for individual enable control
of the filter output. The FLT4EN bit enables or disabled
the noise filter available on TMR5CKI input in the
Timer5 module.
The filter network for all channels is disabled on POR
and BOR resets , as the DFLTCON register is cleared
on resets. The operation of the filter is shown in the
timing diagram in Figure 16-14.
REGISTER 16-3:
DFLTCON: DIGITAL FILTER CONTROL REGISTER
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
FLT4EN
FLT3EN
FLT2EN
FLT1EN
FLTCK2
FLTCK1
FLTCK0
bit 7
bit 0
bit 7
Unimplemented: Read as ‘0’
bit 6
FLT4EN: Noise Filter Output Enable bit, T5CKI input
1
= Enabled
0
= Disabled
bit 5
FLT3EN: Noise Filter Output Enable bit, CAP3/QEB input(1)
1
= Enabled
0
= Disabled
bit 4
FLT2EN: Noise Filter Output Enable bit, CAP2/QEA input(1)
1
= Enabled
0
= Disabled
bit 3
FLT1EN: Noise Filter Output Enable bit, CAP1/INDX input(1)
1
= Enabled
0
= Disabled
bit 2-0
FLTCK<2:0>: Noise Filter Clock Divider Ratio bits
111
=Unused
110
=1:128
101
=1:64
100
=1:32
011
=1:16
010
=1:4
001
=1:2
000
=1:1
Note 1: Noise Filter Output Enables are functional in both QEI and IC operating modes
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = bit is set
‘0’ = bit is cleared
x = bit is unknown
Note:
The Noise Filter is intended for random high-frequency filtering and not continuous
high-frequency filtering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com