Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE16M31 Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce STMPE16M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31 Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button STMPE16M31 Datasheet HTML 33Page - STMicroelectronics STMPE16M31 Datasheet HTML 34Page - STMicroelectronics STMPE16M31 Datasheet HTML 35Page - STMicroelectronics STMPE16M31 Datasheet HTML 36Page - STMicroelectronics STMPE16M31 Datasheet HTML 37Page - STMicroelectronics STMPE16M31 Datasheet HTML 38Page - STMicroelectronics STMPE16M31 Datasheet HTML 39Page - STMicroelectronics STMPE16M31 Datasheet HTML 40Page - STMicroelectronics STMPE16M31 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 85 page
background image
STMPE16M31, STMPE24M31
PWM array controller
Doc ID 16174 Rev 4
37/85
10
PWM array controller
The STMPE24M31 integrates 8 independent PWM controllers capable of blinking and
brightness control.
Each of the PWM controllers can be programmed to execute a series of blinking/brightness
control actions. One PWM controller could be mapped to more than one GPIO, allowing
multiple GPIO outputs to share a PWM controller.
Each PWM controller can be connected to any of GPIO channel through the routing network
which is controlled by GPIOn_PWM_CFG register (n = GPIO channel number).
Figure 10.
PWM array controller
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85