Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE16M31 Fiches technique(PDF) 26 Page - STMicroelectronics

No de pièce STMPE16M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31 Fiches technique(HTML) 26 Page - STMicroelectronics

Back Button STMPE16M31 Datasheet HTML 22Page - STMicroelectronics STMPE16M31 Datasheet HTML 23Page - STMicroelectronics STMPE16M31 Datasheet HTML 24Page - STMicroelectronics STMPE16M31 Datasheet HTML 25Page - STMicroelectronics STMPE16M31 Datasheet HTML 26Page - STMicroelectronics STMPE16M31 Datasheet HTML 27Page - STMicroelectronics STMPE16M31 Datasheet HTML 28Page - STMicroelectronics STMPE16M31 Datasheet HTML 29Page - STMicroelectronics STMPE16M31 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 85 page
background image
System controller
STMPE16M31, STMPE24M31
26/85
Doc ID 16174 Rev 4
INT_CTRL
Interrupt control register
Address:
0x06
Type:
R/W
Reset:
0x00
Description:
INT_CTRL controls the interrupt signal generation.
76
543
210
RESERVED
INT_POL
INT_TYPE
INT_EN
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
[7:3] RESERVED
[2] INT_POL: Interrupt polarity
0: Active low
1: Active high
[1] INT_TYPE: Interrupt trigger type
0: Level trigger
1: Edge trigger
[0] INT_EN: Interrupt enable
1: Enable the interrupt
0: Disable the interrupt
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85