| Moteur de recherche de fiches techniques de composants électroniques |
|
STMPE16M31 Fiches technique(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE16M31 Fiches technique(HTML) 53 Page - STMicroelectronics |
|
53 / 85 page ![]() STMPE16M31, STMPE24M31 Touch sensor controller Doc ID 16174 Rev 4 53/85 RATIO_ENG_REPT_CTRL Ratio engine report control register Address: 0x71 Type: RW Reset: 0x00 Description: This register controls the report of movement in the ration engine. CH_SEL Channel selection register Address: 0x72-0x74 Type: RW Reset: 0x000000 Description: This register configures the active capacitive sensing channels. Bit 7-0 (0x72) Bit 15-8 (0x73) Bit 23-16 (0x74) 76 543 210 MaxRptDrop MinDisp 0 0 [7:4] MaxRptDrop Maximum number of report that is dropped (due to displacement < MinDisp). If set to 0, all data will be reported [3:0] MinDisp Minimum displacement of slider position before a report is generated. If set to 0, all data will be reported 76 543 210 S7 S6 S5 S4 S3 S2 S1 S0 RW RW RW RW RW RW RW RW 00 000 000 76 543 210 S15 S14 S13 S12 S11 S10 S9 S8 RW RW RW RW RW RW RW RW 00 000 000 76 543 210 S23 S22 S21 S20 S19 S18 S17 S16 RW RW RW RW RW RW RW RW 00 000 000 Obsolete Product(s) - Obsolete Product(s) |