Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE16M31 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce STMPE16M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button STMPE16M31 Datasheet HTML 15Page - STMicroelectronics STMPE16M31 Datasheet HTML 16Page - STMicroelectronics STMPE16M31 Datasheet HTML 17Page - STMicroelectronics STMPE16M31 Datasheet HTML 18Page - STMicroelectronics STMPE16M31 Datasheet HTML 19Page - STMicroelectronics STMPE16M31 Datasheet HTML 20Page - STMicroelectronics STMPE16M31 Datasheet HTML 21Page - STMicroelectronics STMPE16M31 Datasheet HTML 22Page - STMicroelectronics STMPE16M31 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 85 page
background image
STMPE16M31, STMPE24M31
Register map and function description
Doc ID 16174 Rev 4
19/85
0x27
GPIO_7_PWM_CFG
0x00
RW
Configures PWM output of
GPIO-7
0x28
GPIO_8_PWM_CFG
0x00
RW
Configures PWM output of
GPIO-8
0x29
GPIO_9_PWM_CFG
0x00
RW
Configures PWM output of
GPIO-9
0x2A
GPIO_10_PWM_CFG
0x00
RW
Configures PWM output of
GPIO-10
0x2B
GPIO_11_PWM_CFG
0x00
RW
Configures PWM output of
GPIO-11
0x2C
GPIO_12_PWM_CFG
0x00
RW
Configures PWM output of
GPIO-12
0x2D
GPIO_13_PWM_CFG
0x00
RW
Configures PWM output of
GPIO-13
0x2E
GPIO_14_PWM_CFG
0x00
RW
Configures PWM output of
GPIO-14
0x2F
GPIO_15_PWM_CFG
0x00
RW
Configures PWM output of
GPIO-15
0x30
PWM_MASTER_EN
0x00
RW
PWM master enable
0x40
PWM_0_SET
0x00
RW
PWM0 setup
0x41
PWM_0_CTRL
0x00
RW
PWM0 control
0x42
PWM_0_RAMP_RATE
0x00
RW
PWM0 ramp rate
0x43
PWM_0_TRIG
0x00
RW
PWM0 trigger
0x44
PWM_1_SET
0x00
RW
PWM1 setup
0x45
PWM_1_CTRL
0x00
RW
PWM1 control
0x46
PWM_1_RAMP_RATE
0x00
RW
PWM1 ramp rate
0x47
PWM_1_TRIG
0x00
RW
PWM1 trigger
0x48
PWM_2_SET
0x00
RW
PWM2 setup
0x49
PWM_2_CTRL
0x00
RW
PWM2 control
0x4A
PWM_2_RAMP_RATE
0x00
RW
PWM2 ramp rate
0x4B
PWM_2_TRIG
0x00
RW
PWM2 trigger
0x4C
PWM_3_SET
0x00
RW
PWM3 setup
0x4D
PWM_3_CTRL
0x00
RW
PWM3 control
0x4E
PWM_3_RAMP_RATE
0x00
RW
PWM3 ramp rate
0x4F
PWM_3_TRIG
0x00
RW
PWM3 trigger
0x50
PWM_4_SET
0x00
RW
PWM4 setup
0x51
PWM_4_CTRL
0x00
RW
PWM4 control
0x52
PWM_4_RAMP_RATE
0x00
RW
PWM4 ramp rate
Table 8.
Register map (continued)
Address
Register name
Reset value
I2C
Register function
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85