| Moteur de recherche de fiches techniques de composants électroniques |
|
STMPE16M31 Fiches technique(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE16M31 Fiches technique(HTML) 31 Page - STMicroelectronics |
|
31 / 85 page ![]() STMPE16M31, STMPE24M31 System controller Doc ID 16174 Rev 4 31/85 PWM_INT_EN Interrupt enable PWM enable register Address: 0x0F Type: R/W Reset: 0x00 Description: Writing ‘1’ to this register enables the generation of INT by the corresponding PWM channel. 76 543 210 PWM-7 PWM-6 PWM-5 PWM-4 PWM-3 PWM-2 PWM-1 PWM-0 RW RW RW RW RW RW RW RW 00 000 000 [7:0] PWM - X Enable of PWM – X. Write ‘1’ to the corresponding bit to enable interrupt generated by a PWM channel Obsolete Product(s) - Obsolete Product(s) |