Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OMAP3530ECUS72 Fiches technique(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
No de pièce OMAP3530ECUS72
Description  Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECUS72 Fiches technique(HTML) 84 Page - Texas Instruments

Back Button OMAP3530ECUS72 Datasheet HTML 80Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 81Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 82Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 83Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 84Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 85Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 86Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 87Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 2-3. Ball Characteristics (CUS Pkg.) (continued)
BALL
BALL TOP [2] PIN NAME [3] MODE [4]
TYPE [5]
BALL RESET BALL RESET RESET REL.
POWER [9]
HYS [10]
BUFFER
PULLUP
BOTTOM [1]
STATE [6]
REL. STATE
MODE [8]
STRENG TH
/DOWN TYPE
[7]
(mA) [11]
[12]
sys_drm_
1
O
msecure
mmc3_dat6
2
IO
hsusb1_dir
3
I
gpio_22
4
IO
hsusb1_tll_dir 6
O
AD5
etk_d9
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
sys_secure_in 1
O
dic ator
mmc3_dat5
2
IO
hsusb1_nxt
3
I
gpio_23
4
IO
mm1_rxdm
5
IO
hsusb1_tll_nxt 6
O
AC3
etk_d10
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
uart1_rx
2
I
hsusb2_clk
3
O
gpio_24
4
IO
hsusb2_tll_clk 6
O
AC9
etk_d11
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
hsusb2_stp
3
O
gpio_25
4
IO
mm2_rxdp
5
IO
hsusb2_tll_stp 6
I
AC10
etk_d12
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
hsusb2_dir
3
I
gpio_26
4
IO
hsusb2_tll_dir 6
O
AD11
etk_d13
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
hsusb2_nxt
3
I
gpio_27
4
IO
mm2_rxdm
5
IO
hsusb2_tll_nxt 6
O
AC11
etk_d14
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
hsusb2_ data0 3
IO
gpio_28
4
IO
mm2_rxrcv
5
IO
hsusb2_tll_
6
IO
data0
AD12
etk_d15
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
hsusb2_ data1 3
IO
gpio_29
4
IO
mm2_txse0
5
IO
hsusb2_tll_
6
IO
data1
E16, F15,
vdds_mem
0
PWR
-
-
-
-
-
-
-
-
F16, G15,
G16, H15, J6,
J7, J8, K6, K7,
K8
F12, F13,
vdd_core
0
PWR
-
-
-
-
-
-
-
-
G12, G13,
H12, H13,
J17, J18, K17,
K18, K19,
L14, L15,
M14, M15,
R17, R18,
R19, T17,
T18, T19, T20
84
TERMINAL DESCRIPTION
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More