Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OMAP3530ECUS72 Fiches technique(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
No de pièce OMAP3530ECUS72
Description  Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECUS72 Fiches technique(HTML) 28 Page - Texas Instruments

Back Button OMAP3530ECUS72 Datasheet HTML 24Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 25Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 26Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 27Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 28Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 29Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 30Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 31Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Note: The pullup/pulldown drive strength is equal to 100
μA except for CBB balls P27, P26, R27, and
R25 and CUS balls N22, N21, N20, and P24, which the pulldown drive strength is equal to 1.8 k
Ω.
13. IO CELL: IO cell information.
Note: Configuring two pins to the same input signal is not supported as it can yield unexpected results.
This can be easily prevented with the proper software configuration.
Table 2-1. Ball Characteristics (CBB Pkg.)(1)
BALL
BALL TOP
PIN NAME
MODE [4]
TYPE [5]
BALL
BALL
RESET REL. POWER [9]
HYS [10]
BUFFER
PULLUP
IO CELL [13]
BOTTOM [1] [2]
[3]
RESET
RESET REL. MODE [8]
STRENG TH /DOWN
STATE [6]
STATE [7]
(mA) [11]
TYPE [12]
D6
J2
sdrc_d0
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
C6
J1
sdrc_d1
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
B6
G2
sdrc_d2
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
C8
G1
sdrc_d3
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
C9
F2
sdrc_d4
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
A7
F1
sdrc_d5
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
B9
D2
sdrc_d6
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
A9
D1
sdrc_d7
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
C14
B13
sdrc_d8
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
B14
A13
sdrc_d9
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
C15
B14
sdrc_d10
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
B16
A14
sdrc_d11
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
D17
B16
sdrc_d12
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
C17
A16
sdrc_d13
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
B17
B19
sdrc_d14
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
D18
A19
sdrc_d15
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
D11
B3
sdrc_d16
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
B10
A3
sdrc_d17
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
C11
B5
sdrc_d18
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
D12
A5
sdrc_d19
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
C12
B8
sdrc_d20
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
A11
A8
sdrc_d21
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
B13
B9
sdrc_d22
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
D14
A9
sdrc_d23
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
C18
B21
sdrc_d24
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
A19
A21
sdrc_d25
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
B19
D22
sdrc_d26
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
B20
D23
sdrc_d27
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
D20
E22
sdrc_d28
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
A21
E23
sdrc_d29
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
B21
G22
sdrc_d30
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
C21
G23
sdrc_d31
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
H9
AB21
sdrc_ba0
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
H10
AC21
sdrc_ba1
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
A4
N22
sdrc_a0
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
B4
N23
sdrc_a1
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
B3
P22
sdrc_a2
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
C5
P23
sdrc_a3
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
C4
R22
sdrc_a4
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
D5
R23
sdrc_a5
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
C3
T22
sdrc_a6
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
C2
T23
sdrc_a7
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
C1
U22
sdrc_a8
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
D4
U23
sdrc_a9
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
D3
V22
sdrc_a10
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
D2
V23
sdrc_a11
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
(1)
NA in this table stands for "Not Applicable".
28
TERMINAL DESCRIPTION
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More