Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OMAP3530ECUS72 Fiches technique(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
No de pièce OMAP3530ECUS72
Description  Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECUS72 Fiches technique(HTML) 78 Page - Texas Instruments

Back Button OMAP3530ECUS72 Datasheet HTML 74Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 75Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 76Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 77Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 78Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 79Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 80Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 81Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 2-3. Ball Characteristics (CUS Pkg.) (continued)
BALL
BALL TOP [2] PIN NAME [3] MODE [4]
TYPE [5]
BALL RESET BALL RESET RESET REL.
POWER [9]
HYS [10]
BUFFER
PULLUP
BOTTOM [1]
STATE [6]
REL. STATE
MODE [8]
STRENG TH
/DOWN TYPE
[7]
(mA) [11]
[12]
safe_mode
7
V6
mcbsp3_dx
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
uart2_cts
1
I
gpio_140
4
IO
safe_mode
7
V5
mcbsp3_dr
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
uart2_rts
1
O
gpio_141
4
IO
safe_mode
7
W4
mcbsp3_ clkx 0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
uart2_tx
1
O
gpio_142
4
IO
safe_mode
7
V4
mcbsp3_fsx
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
uart2_rx
1
I
gpio_143
4
IO
safe_mode
7
W7
uart1_tx
0
O
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_148
4
IO
safe_mode
7
W6
uart1_rts
0
O
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_149
4
IO
safe_mode
7
AC2
uart1_cts
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_150
4
IO
safe_mode
7
V7
uart1_rx
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
mcbsp1_ clkr
2
IO
mcspi4_clk
3
IO
gpio_151
4
IO
safe_mode
7
W19
mcbsp1_ clkr
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
mcspi4_clk
1
IO
gpio_156
4
IO
safe_mode
7
AB20
mcbsp1_fsr
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
cam_global_re 2
IO
set
gpio_157
4
IO
safe_mode
7
W18
mcbsp1_dx
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
mcspi4_ simo 1
IO
mcbsp3_dx
2
IO
gpio_158
4
IO
safe_mode
7
Y18
mcbsp1_dr
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
mcspi4_ somi 1
IO
mcbsp3_dr
2
O
gpio_159
4
IO
safe_mode
7
AA18
mcbsp_clks
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
cam_ shutter
2
O
gpio_160
4
IO
uart1_cts
5
I
safe_mode
7
78
TERMINAL DESCRIPTION
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More