| Moteur de recherche de fiches techniques de composants électroniques |
|
OMAP3530ECUS72 Fiches technique(PDF) 71 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECUS72 Fiches technique(HTML) 71 Page - Texas Instruments |
|
71 / 265 page ![]() OMAP3530, OMAP3525 www.ti.com SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 Table 2-3. Ball Characteristics (CUS Pkg.) (continued) BALL BALL TOP [2] PIN NAME [3] MODE [4] TYPE [5] BALL RESET BALL RESET RESET REL. POWER [9] HYS [10] BUFFER PULLUP BOTTOM [1] STATE [6] REL. STATE MODE [8] STRENG TH /DOWN TYPE [7] (mA) [11] [12] A5 sdrc_dqs0 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS A13 sdrc_dqs1 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS A8 sdrc_dqs2 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS A17 sdrc_dqs3 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS K4 gpmc_a1 0 O L L 7 vdds_ mem Yes 4 PU/ PD LVCMOS gpio_34 4 IO safe_mode 7 K3 gpmc_a2 0 O L L 7 vdds_ mem Yes 4 PU/ PD LVCMOS gpio_35 4 IO safe_mode 7 K2 gpmc_a3 0 O L L 7 vdds_ mem Yes 4 PU/ PD LVCMOS gpio_36 4 IO safe_mode 7 J4 gpmc_a4 0 O L L 7 vdds_ mem Yes 4 PU/ PD LVCMOS gpio_37 4 IO safe_mode 7 J3 gpmc_a5 0 O L L 7 vdds_ mem Yes 4 PU/ PD LVCMOS gpio_38 4 IO safe_mode 7 J2 gpmc_a6 0 O H H 7 vdds_ mem Yes 4 PU/ PD LVCMOS gpio_39 4 IO safe_mode 7 J1 gpmc_a7 0 O H H 7 vdds_ mem Yes 4 PU/ PD LVCMOS gpio_40 4 IO safe_mode 7 H1 gpmc_a8 0 O H H 7 vdds_ mem Yes 4 PU/ PD LVCMOS gpio_41 4 IO safe_mode 7 H2 gpmc_a9 0 O H H 7 vdds_ mem Yes 4 PU/ PD LVCMOS sys_ 1 I ndmareq2 gpio_42 4 IO safe_mode 7 G2 gpmc_a10 0 O H H 7 vdds_ mem Yes 4 PU/ PD LVCMOS sys_ 1 I ndmareq3 gpio_43 4 IO safe_mode 7 L2 gpmc_d0 0 IO H H 0 vdds_ mem Yes 4 PU/ PD LVCMOS M1 gpmc_d1 0 IO H H 0 vdds_ mem Yes 4 PU/ PD LVCMOS M2 gpmc_d2 0 IO H H 0 vdds_ mem Yes 4 PU/ PD LVCMOS N2 gpmc_d3 0 IO H H 0 vdds_ mem Yes 4 PU/ PD LVCMOS M3 gpmc_d4 0 IO H H 0 vdds_ mem Yes 4 PU/ PD LVCMOS P1 gpmc_d5 0 IO H H 0 vdds_ mem Yes 4 PU/ PD LVCMOS P2 gpmc_d6 0 IO H H 0 vdds_ mem Yes 4 PU/ PD LVCMOS R1 gpmc_d7 0 IO H H 0 vdds_ mem Yes 4 PU/ PD LVCMOS R2 gpmc_d8 0 IO H H 0 vdds_ mem Yes 4 PU/ PD LVCMOS gpio_44 4 IO safe_mode 7 T2 gpmc_d9 0 IO H H 0 vdds_ mem Yes 4 PU/ PD LVCMOS gpio_45 4 IO safe_mode 7 U1 gpmc_d10 0 IO H H 0 vdds_ mem Yes 4 PU/ PD LVCMOS gpio_46 4 IO safe_mode 7 Copyright © 2008–2013, Texas Instruments Incorporated TERMINAL DESCRIPTION 71 Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |