Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OMAP3530ECUS72 Fiches technique(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
No de pièce OMAP3530ECUS72
Description  Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECUS72 Fiches technique(HTML) 70 Page - Texas Instruments

Back Button OMAP3530ECUS72 Datasheet HTML 66Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 67Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 68Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 69Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 70Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 71Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 72Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 73Page - Texas Instruments OMAP3530ECUS72 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 2-3. Ball Characteristics (CUS Pkg.) (continued)
BALL
BALL TOP [2] PIN NAME [3] MODE [4]
TYPE [5]
BALL RESET BALL RESET RESET REL.
POWER [9]
HYS [10]
BUFFER
PULLUP
BOTTOM [1]
STATE [6]
REL. STATE
MODE [8]
STRENG TH
/DOWN TYPE
[7]
(mA) [11]
[12]
C12
sdrc_d9
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
B12
sdrc_d10
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
D13
sdrc_d11
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
C13
sdrc_d12
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
B14
sdrc_d13
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
A14
sdrc_d14
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
B15
sdrc_d15
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
C9
sdrc_d16
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
E12
sdrc_d17
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
B8
sdrc_d18
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
B9
sdrc_d19
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
C10
sdrc_d20
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
B10
sdrc_d21
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
D12
sdrc_d22
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
E13
sdrc_d23
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
E15
sdrc_d24
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
D15
sdrc_d25
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
C15
sdrc_d26
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
B16
sdrc_d27
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
C16
sdrc_d28
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
D16
sdrc_d29
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
B17
sdrc_d30
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
B18
sdrc_d31
0
IO
L
Z
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
C18
sdrc_ba0
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
D18
sdrc_ba1
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
A4
sdrc_a0
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
B4
sdrc_a1
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
D6
sdrc_a2
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
B3
sdrc_a3
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
B2
sdrc_a4
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
C3
sdrc_a5
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
E3
sdrc_a6
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
F6
sdrc_a7
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
E10
sdrc_a8
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
E9
sdrc_a9
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
E7
sdrc_a10
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
G6
sdrc_a11
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
G7
sdrc_a12
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
F7
sdrc_a13
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
F9
sdrc_a14
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
A19
sdrc_ncs0
0
O
1
1
0
vdds_ mem
No
4
NA
LVCMOS
B19
sdrc_ncs1
0
O
1
1
0
vdds_ mem
No
4
NA
LVCMOS
A10
sdrc_clk
0
IO
L
0
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
A11
sdrc_nclk
0
O
1
1
0
vdds_ mem
No
4
NA
LVCMOS
B20
sdrc_cke0
0
O
H
1
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
safe_mode
7
C20
sdrc_cke1
0
O
H
1
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
safe_mode
7
D19
sdrc_nras
0
O
1
1
0
vdds_ mem
No
4
NA
LVCMOS
C19
sdrc_ncas
0
O
1
1
0
vdds_ mem
No
4
NA
LVCMOS
A20
sdrc_nwe
0
O
1
1
0
vdds_ mem
No
4
NA
LVCMOS
B6
sdrc_dm0
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
B13
sdrc_dm1
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
A7
sdrc_dm2
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
A16
sdrc_dm3
0
O
0
0
0
vdds_ mem
No
4
NA
LVCMOS
70
TERMINAL DESCRIPTION
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More