| Moteur de recherche de fiches techniques de composants électroniques |
|
AM3703CUSNEST Fiches technique(PDF) 74 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM3703CUSNEST Fiches technique(HTML) 74 Page - Texas Instruments |
|
74 / 280 page ![]() AM3715, AM3703 SPRS616F – JUNE 2010 – REVISED AUGUST 2011 www.ti.com Table 2-3. Ball Characteristics (CUS Pkg.)(1) (continued) BALL PIN NAME [2] MODE [3] TYPE [4] BALL RESET BALL RESET RESET REL. POWER [8] HYS [9] BUFFER PULLUP IO CELL [12] NUMBER [1] STATE [5] REL. STATE MODE [7] STRENGTH /DOWN [6] (mA) [10] TYPE [11] safe_mode 7 V18 mcbsp1_ clkx 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS mcbsp3_ clkx 2 IO gpio_162 4 IO safe_mode 7 A23 uart3_cts_ rctx 0 IO H H 7 vdds Yes 4 PU/ PD LVCMOS gpio_163 4 IO safe_mode 7 B23 uart3_rts_ sd 0 O H H 7 vdds Yes 4 PU/ PD LVCMOS gpio_164 4 IO safe_mode 7 B24 uart3_rx_ irrx 0 I H H 7 vdds Yes 4 PU/ PD LVCMOS gpio_165 4 IO safe_mode 7 C23 uart3_tx_ irtx 0 O H H 7 vdds Yes 4 PU/ PD LVCMOS gpio_166 4 IO safe_mode 7 R21 hsusb0_clk 0 I L L 7 vdds Yes 8 PU/ PD LVCMOS gpio_120 4 IO safe_mode 7 R23 hsusb0_stp 0 O H H 7 vdds Yes 4 PU/ PD LVCMOS gpio_121 4 IO safe_mode 7 P23 hsusb0_dir 0 I L L 7 vdds Yes 4 PU/ PD LVCMOS gpio_122 4 IO safe_mode 7 R22 hsusb0_nxt 0 I L L 7 vdds Yes 4 PU/ PD LVCMOS gpio_124 4 IO safe_mode 7 T24 hsusb0_ data0 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS uart3_tx_ irtx 2 O gpio_125 4 IO uart2_tx 5 O safe_mode 7 T23 hsusb0_ data1 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS uart3_rx_ irrx 2 I gpio_130 4 IO uart2_rx 5 I safe_mode 7 U24 hsusb0_ data2 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS uart3_rts_ sd 2 O gpio_131 4 IO uart2_rts 5 O safe_mode 7 U23 hsusb0_ data3 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS uart3_cts_ rctx 2 IO gpio_169 4 IO uart2_cts 5 I safe_mode 7 W24 hsusb0_ data4 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS gpio_188 4 IO safe_mode 7 V23 hsusb0_ data5 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS gpio_189 4 IO safe_mode 7 74 TERMINAL DESCRIPTION Copyright © 2010–2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM3715 AM3703 |