| Moteur de recherche de fiches techniques de composants électroniques |
|
AM3703CUSNEST Fiches technique(PDF) 68 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM3703CUSNEST Fiches technique(HTML) 68 Page - Texas Instruments |
|
68 / 280 page ![]() AM3715, AM3703 SPRS616F – JUNE 2010 – REVISED AUGUST 2011 www.ti.com Table 2-3. Ball Characteristics (CUS Pkg.)(1) (continued) BALL PIN NAME [2] MODE [3] TYPE [4] BALL RESET BALL RESET RESET REL. POWER [8] HYS [9] BUFFER PULLUP IO CELL [12] NUMBER [1] STATE [5] REL. STATE MODE [7] STRENGTH /DOWN [6] (mA) [10] TYPE [11] G22 dss_pclk 0 O H H 7 vdds Yes 8 PU/ PD LVCMOS gpio_66 4 IO hw_dbg12 5 O safe_mode 7 E22 dss_hsync 0 O H H 7 vdds Yes 8 PU/ PD LVCMOS gpio_67 4 IO hw_dbg13 5 O safe_mode 7 F22 dss_vsync 0 O H H 7 vdds Yes 8 PU/ PD LVCMOS gpio_68 4 IO safe_mode 7 J21 dss_acbias 0 O L L 7 vdds Yes 8 PU/ PD LVCMOS gpio_69 4 IO safe_mode 7 AC19 dss_data0 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS uart1_cts 2 I NA gpio_70 4 IO 8 safe_mode 7 8 AB19 dss_data1 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS uart1_rts 2 O 8 gpio_71 4 IO 8 safe_mode 7 8 AD20 dss_data2 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS gpio_72 4 IO 8 safe_mode 7 8 AC20 dss_data3 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS gpio_73 4 IO 8 safe_mode 7 8 AD21 dss_data4 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS uart3_rx_ irrx 2 I NA gpio_74 4 IO 8 safe_mode 7 8 AC21 dss_data5 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS uart3_tx_ irtx 2 O 8 gpio_75 4 IO 8 safe_mode 7 8 D24 dss_data6 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS uart1_tx 2 O gpio_76 4 IO hw_dbg14 5 O safe_mode 7 E23 dss_data7 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS uart1_rx 2 I gpio_77 4 IO hw_dbg15 5 O safe_mode 7 E24 dss_data8 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS uart3_rx_irrx 2 I gpio_78 4 IO hw_dbg16 5 O safe_mode 7 F23 dss_data9 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS uart3_tx_irtx 2 O gpio_79 4 IO hw_dbg17 5 O 68 TERMINAL DESCRIPTION Copyright © 2010–2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM3715 AM3703 |