| Moteur de recherche de fiches techniques de composants électroniques |
|
AM3703CUSNEST Fiches technique(PDF) 62 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM3703CUSNEST Fiches technique(HTML) 62 Page - Texas Instruments |
|
62 / 280 page ![]() AM3715, AM3703 SPRS616F – JUNE 2010 – REVISED AUGUST 2011 www.ti.com Table 2-2. Ball Characteristics (CBC Pkg.)(5) (continued) BALL BALL TOP PIN NAME [2] MODE [3] TYPE [4] BALL BALL RESET RESET POWER [8] HYS [9] BUFFER PULLUP IO CELL BOTTOM [1] RESET REL. STATE REL. MODE STRENGTH /DOWN [12] [1] STATE [5] [6] [7] (mA) [10] TYPE [11] A6, A8, A13, A7, A13, vss 0 GND - - - - - - - - AB5, AB22, B14, C1, F1, AC10, F20, H2, AD14, H20, L21, AD25, AE7, M2, P20, B2, B25, R2, W20 Y6, C12, D7, Y11, AA7, D10, D12, AA16 D14, D18, D20, E22, G1, G8, G10, G20, G23, H4, K1, K15, K25, L10, L17, L23, N4, N10, N17, R1, R4, R17, T23, U25, W1, W4, W23, Y7, Y10, Y16, Y26 K14 NA cap_vddu_wkup_log 0 PWR - - - - - - - - ic A1, L1, T2, A1, J1, N2, Feed-Through - - - - - - - - - - Y2, AE2, T2, W2, Y2, Pins (4) AF4, AF5, AA6, Y7, AF8, AF10, Y9, AA10, AF12, AF13, AA11, AF14, AF15, AA12, AF17, AF16, AA13, Y14, A20, AF21, AA14, B16, AF18, AF24, Y17, AA17, AF22, A25, Y19, AA19, AE25, AF25, A20, Y20, A26, B26, AA20, A21, K26, U26, B21, H21, AE26, AF26 P21, Y21, AA21 62 TERMINAL DESCRIPTION Copyright © 2010–2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM3715 AM3703 |