| Moteur de recherche de fiches techniques de composants électroniques |
|
AM3703CUSNEST Fiches technique(PDF) 67 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM3703CUSNEST Fiches technique(HTML) 67 Page - Texas Instruments |
|
67 / 280 page ![]() AM3715, AM3703 www.ti.com SPRS616F – JUNE 2010 – REVISED AUGUST 2011 Table 2-3. Ball Characteristics (CUS Pkg.)(1) (continued) BALL PIN NAME [2] MODE [3] TYPE [4] BALL RESET BALL RESET RESET REL. POWER [8] HYS [9] BUFFER PULLUP IO CELL [12] NUMBER [1] STATE [5] REL. STATE MODE [7] STRENGTH /DOWN [6] (mA) [10] TYPE [11] gpio_50 4 IO safe_mode 7 V2 gpmc_d15 0 IO H H 0 vdds_mem Yes 8 PU/ PD LVCMOS gpio_51 4 IO safe_mode 7 E2 gpmc_ncs0 0 O 1 1 0 vdds_mem NA 8 NA LVCMOS D2 gpmc_ncs3 0 O H H 7 vdds_mem Yes 8 PU/ PD LVCMOS sys_ndmareq0 1 I gpio_54 4 IO safe_mode 7 F4 gpmc_ncs4 0 O H H 7 vdds_mem Yes 8 PU/ PD LVCMOS sys_ndmareq1 1 I mcbsp4_ clkx 2 IO gpt_9_pwm_evt 3 IO gpio_55 4 IO safe_mode 7 G5 gpmc_ncs5 0 O H H 7 vdds_mem Yes 8 PU/ PD LVCMOS sys_ndmareq2 1 I mcbsp4_dr 2 I gpt_10_pwm_evt 3 IO gpio_56 4 IO safe_mode 7 F3 gpmc_ncs6 0 O H H 7 vdds_mem Yes 8 PU/ PD LVCMOS sys_ndmareq3 1 I mcbsp4_dx 2 IO gpt_11_pwm_evt 3 IO gpio_57 4 IO safe_mode 7 G4 gpmc_ncs7 0 O H H 7 vdds_mem Yes 8 PU/ PD LVCMOS gpmc_io_dir 1 O mcbsp4_fsx 2 IO gpt_8_pwm_evt 3 IO gpio_58 4 IO safe_mode 7 W2 gpmc_clk 0 O L 0 0 vdds_mem Yes 8 PU/ PD LVCMOS gpio_59 4 IO safe_mode 7 F1 gpmc_nadv_ale 0 O 0 0 0 vdds_mem NA 8 PU/ PD LVCMOS F2 gpmc_noe 0 O 1 1 0 vdds_mem NA 8 PU/ PD LVCMOS G3 gpmc_nwe 0 O 1 1 0 vdds_mem NA 8 PU/ PD LVCMOS K5 gpmc_nbe0_cle 0 O L 0 0 vdds_mem Yes 8 PU/ PD LVCMOS gpio_60 4 IO safe_mode 7 L1 gpmc_nbe1 0 O L L 7 vdds_mem Yes 8 PU/ PD LVCMOS gpio_61 4 IO safe_mode 7 E1 gpmc_nwp 0 O L 0 0 vdds_mem Yes 8 PU/ PD LVCMOS gpio_62 4 IO safe_mode 7 C1 gpmc_wait0 0 I H H 0 vdds_mem Yes NA PU/ PD LVCMOS C2 gpmc_wait3 0 I H H 7 vdds_mem Yes 8 PU/ PD LVCMOS sys_ndmareq1 1 I uart4_rx 2 I gpio_65 4 IO safe_mode 7 Copyright © 2010–2011, Texas Instruments Incorporated TERMINAL DESCRIPTION 67 Submit Documentation Feedback Product Folder Link(s): AM3715 AM3703 |