Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM3703CUSNEST Fiches technique(PDF) 41 Page - Texas Instruments

No de pièce AM3703CUSNEST
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703CUSNEST Fiches technique(HTML) 41 Page - Texas Instruments

Back Button AM3703CUSNEST Datasheet HTML 37Page - Texas Instruments AM3703CUSNEST Datasheet HTML 38Page - Texas Instruments AM3703CUSNEST Datasheet HTML 39Page - Texas Instruments AM3703CUSNEST Datasheet HTML 40Page - Texas Instruments AM3703CUSNEST Datasheet HTML 41Page - Texas Instruments AM3703CUSNEST Datasheet HTML 42Page - Texas Instruments AM3703CUSNEST Datasheet HTML 43Page - Texas Instruments AM3703CUSNEST Datasheet HTML 44Page - Texas Instruments AM3703CUSNEST Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
Table 2-1. Ball Characteristics (CBP Pkg.)(3) (continued)
BALL
BALL
BALL
RESET
BUFFER
PULLUP
BALL TOP
RESET
IO CELL
BOTTOM
PIN NAME [2]
MODE [3]
TYPE [4]
RESET
REL. MODE POWER [8] HYS [9]
STRENGTH /DOWN
[1]
REL.
[12]
[1]
STATE [5]
[7]
(mA) [10]
TYPE [11]
STATE [6]
mmc3_dat7
2
IO
hsusb1_ data3
3
IO
gpio_21
4
IO
mm1_txen_n
5
IO
hw_dbg9
7
O
AF9
NA
etk_d8
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
mmc3_dat6
2
IO
hsusb1_dir
3
I
gpio_22
4
IO
hw_dbg10
7
O
AG9
NA
etk_d9
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
mmc3_dat5
2
IO
hsusb1_nxt
3
I
gpio_23
4
IO
mm1_rxdm
5
IO
hw_dbg11
7
O
AE7
NA
etk_d10
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
uart1_rx
2
I
hsusb2_clk
3
O
gpio_24
4
IO
hw_dbg12
7
O
AF7
NA
etk_d11
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
hsusb2_stp
3
O
gpio_25
4
IO
mm2_rxdp
5
IO
hw_dbg13
7
O
AG7
NA
etk_d12
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
hsusb2_dir
3
I
gpio_26
4
IO
hw_dbg14
7
O
AH7
NA
etk_d13
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
hsusb2_nxt
3
I
gpio_27
4
IO
mm2_rxdm
5
IO
hw_dbg15
7
O
AG8
NA
etk_d14
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
hsusb2_ data0
3
IO
gpio_28
4
IO
mm2_rxrcv
5
IO
hw_dbg16
7
O
AH8
NA
etk_d15
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
hsusb2_ data1
3
IO
gpio_29
4
IO
mm2_txse0
5
IO
hw_dbg17
7
O
AH21
NA
vss
0
GND
-
-
-
-
-
-
-
-
AG16
NA
vss
0
GND
-
-
-
-
-
-
-
-
M28
NA
vss
0
GND
-
-
-
-
-
-
-
-
AH20
NA
cap_vddu_array
0
PWR
-
-
-
-
-
-
-
-
AG20
NA
vdds
0
PWR
-
-
-
-
-
-
-
-
AG21
NA
vdds
0
PWR
-
-
-
-
-
-
-
-
H28
NA
vdds
0
PWR
-
-
-
-
-
-
-
-
P25
NA
vdds_x
0
PWR
-
-
-
-
-
-
-
-
Copyright
© 2010–2011, Texas Instruments Incorporated
TERMINAL DESCRIPTION
41
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More