Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F746IE Fiches technique(PDF) 80 Page - STMicroelectronics

No de pièce STM32F746IE
Description  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F746IE Fiches technique(HTML) 80 Page - STMicroelectronics

Back Button STM32F746IE Datasheet HTML 76Page - STMicroelectronics STM32F746IE Datasheet HTML 77Page - STMicroelectronics STM32F746IE Datasheet HTML 78Page - STMicroelectronics STM32F746IE Datasheet HTML 79Page - STMicroelectronics STM32F746IE Datasheet HTML 80Page - STMicroelectronics STM32F746IE Datasheet HTML 81Page - STMicroelectronics STM32F746IE Datasheet HTML 82Page - STMicroelectronics STM32F746IE Datasheet HTML 83Page - STMicroelectronics STM32F746IE Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 227 page
background image
Port D
PD0
-
--
-
-
--
-
-
CAN1_R
X
-
-
FMC_D2
-
-
EVEN
TOUT
PD1
-
--
-
-
--
-
-
CAN1_T
X
-
-
FMC_D3
-
-
EVEN
TOUT
PD2
TRACE
D2
-
TIM3_ET
R
--
-
-
-
UART5_
RX
--
-
SDMMC
1_CMD
DCMI_D
11
-
EVEN
TOUT
PD3
-
-
-
-
-
SPI2_SC
K/I2S2_
CK
-
USART2
_CTS
--
-
-
FMC_CL
K
DCMI_D
5
LCD_G7
EVEN
TOUT
PD4
-
--
-
-
--
USART2
_RTS
--
-
-
FMC_N
OE
--
EVEN
TOUT
PD5
-
--
-
-
--
USART2
_TX
--
-
-
FMC_N
WE
--
EVEN
TOUT
PD6
-
-
-
-
-
SPI3_M
OSI/I2S3
_SD
SAI1_SD
_A
USART2
_RX
--
-
-
FMC_N
WAIT
DCMI_D
10
LCD_B2
EVEN
TOUT
PD7
-
--
-
-
--
USART2
_CK
SPDIFRX
_IN0
--
-
FMC_NE
1
--
EVEN
TOUT
PD8
-
--
-
-
--
USART3
_TX
SPDIFRX
_IN1
--
-
FMC_D1
3
--
EVEN
TOUT
PD9
-
--
-
-
--
USART3
_RX
--
-
-
FMC_D1
4
--
EVEN
TOUT
PD10
-
-
-
-
-
-
-
USART3
_CK
--
-
-
FMC_D1
5
-LCD_B3
EVEN
TOUT
PD11
-
-
-
-
I2C4_SM
BA
--
USART3
_CTS
-
QUADSP
I_BK1_IO
0
SAI2_SD_
A
-
FMC_A1
6/FMC_
CLE
--
EVEN
TOUT
PD12
-
-
TIM4_C
H1
LPTIM1_I
N1
I2C4_SC
L
--
USART3
_RTS
-
QUADSP
I_BK1_IO
1
SAI2_FS_
A
-
FMC_A1
7/FMC_
ALE
--
EVEN
TOUT
PD13
-
-
TIM4_C
H2
LPTIM1_
OUT
I2C4_SD
A
--
-
-
QUADSP
I_BK1_IO
3
SAI2_SC
K_A
-
FMC_A1
8
--
EVEN
TOUT
Table 12. STM32F745xx and STM32F746xx alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/10/
11/LPTIM
1/CEC
I2C1/2/3/
4/CEC
SPI1/2/3/
4/5/6
SPI3/
SAI1
SPI2/3/U
SART1/2/
3/UART5/
SPDIFRX
SAI2/US
ART6/UA
RT4/5/7/8
/SPDIFR
X
CAN1/2/T
IM12/13/
14/QUAD
SPI/LCD
SAI2/QU
ADSPI/O
TG2_HS/
OTG1_FS
ETH/
OTG1_FS
FMC/SD
MMC1/O
TG2_FS
DCMI
LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More