Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F746IE Fiches technique(PDF) 67 Page - STMicroelectronics

No de pièce STM32F746IE
Description  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F746IE Fiches technique(HTML) 67 Page - STMicroelectronics

Back Button STM32F746IE Datasheet HTML 63Page - STMicroelectronics STM32F746IE Datasheet HTML 64Page - STMicroelectronics STM32F746IE Datasheet HTML 65Page - STMicroelectronics STM32F746IE Datasheet HTML 66Page - STMicroelectronics STM32F746IE Datasheet HTML 67Page - STMicroelectronics STM32F746IE Datasheet HTML 68Page - STMicroelectronics STM32F746IE Datasheet HTML 69Page - STMicroelectronics STM32F746IE Datasheet HTML 70Page - STMicroelectronics STM32F746IE Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 227 page
background image
DocID027590 Rev 4
67/227
STM32F745xx STM32F746xx
Pinouts and pin description
88
-
-
-
-
C14 133 156 C14
PI2
I/O FT
-
TIM8_CH4, SPI2_MISO,
FMC_D26, DCMI_D9,
LCD_G7, EVENTOUT
-
-
-
-
-
C13 134 157 C13
PI3
I/O FT
-
TIM8_ETR,
SPI2_MOSI/I2S2_SD,
FMC_D27, DCMI_D10,
EVENTOUT
-
-
-
F5
-
D9
135
-
F9
VSS
S
-
-
-
-
-
-
A1
-
C9
136 158 E10
VDD
S
-
-
-
-
76
A9
B1
109 A14 137 159 A14
PA14(JT
CK-
SWCLK)
I/O FT
-
JTCK-SWCLK,
EVENTOUT
-
77
A8
C2
110 A13 138 160 A13
PA15(JT
DI)
I/O FT
-
JTDI,
TIM2_CH1/TIM2_ETR,
HDMI-CEC,
SPI1_NSS/I2S1_WS,
SPI3_NSS/I2S3_WS,
UART4_RTS,
EVENTOUT
-
78
B9
A2
111 B14 139 161 B14
PC10
I/O FT
-
SPI3_SCK/I2S3_CK,
USART3_TX,
UART4_TX,
QUADSPI_BK1_IO1,
SDMMC1_D2, DCMI_D8,
LCD_R2, EVENTOUT
-
79
B8
B2
112 B13 140 162 B13
PC11
I/O FT
-
SPI3_MISO,
USART3_RX,
UART4_RX,
QUADSPI_BK2_NCS,
SDMMC1_D3, DCMI_D4,
EVENTOUT
-
80
C8
C3
113 A12 141 163 A12
PC12
I/O FT
-
TRACED3,
SPI3_MOSI/I2S3_SD,
USART3_CK,
UART5_TX,
SDMMC1_CK, DCMI_D9,
EVENTOUT
-
Table 10. STM32F745xx and STM32F746xx pin and ball definition (continued)
Pin Number
Pin
name
(function
after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More