| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F746IE Fiches technique(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F746IE Fiches technique(HTML) 66 Page - STMicroelectronics |
|
66 / 227 page ![]() Pinouts and pin description STM32F745xx STM32F746xx 66/227 DocID027590 Rev 4 69 D10 D5 102 D15 121 144 D15 PA10 I/O FT - TIM1_CH3, USART1_RX, OTG_FS_ID, DCMI_D1, EVENTOUT - 70 C10 D4 103 C15 122 145 C15 PA11 I/O FT - TIM1_CH4, USART1_CTS, CAN1_RX, OTG_FS_DM, LCD_R4, EVENTOUT - 71 B10 E1 104 B15 123 146 B15 PA12 I/O FT - TIM1_ETR, USART1_RTS, SAI2_FS_B, CAN1_TX, OTG_FS_DP, LCD_R5, EVENTOUT - 72 A10 D3 105 A15 124 147 A15 PA13(JT MS- SWDIO) I/O FT - JTMS-SWDIO, EVENTOUT - 73 E7 D1 106 F13 125 148 E11 VCAP_2 S - - - - 74 E5 D2 107 F12 126 149 F10 VSS S - - - - 75 F5 C1 108 G13 127 150 F11 VDD S - - - - - - - - E12 128 151 E12 PH13 I/O FT - TIM8_CH1N, CAN1_TX, FMC_D21, LCD_G2, EVENTOUT - - - - - E13 129 152 E13 PH14 I/O FT - TIM8_CH2N, FMC_D22, DCMI_D4, LCD_G3, EVENTOUT - - - - - D13 130 153 D13 PH15 I/O FT - TIM8_CH3N, FMC_D23, DCMI_D11, LCD_G4, EVENTOUT - - - - - E14 131 154 E14 PI0 I/O FT - TIM5_CH4, SPI2_NSS/I2S2_WS, FMC_D24, DCMI_D13, LCD_G5, EVENTOUT - - - - - D14 132 155 D14 PI1 I/O FT - TIM8_BKIN2, SPI2_SCK/I2S2_CK, FMC_D25, DCMI_D8, LCD_G6, EVENTOUT - Table 10. STM32F745xx and STM32F746xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |