Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F746IE Fiches technique(PDF) 65 Page - STMicroelectronics

No de pièce STM32F746IE
Description  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F746IE Fiches technique(HTML) 65 Page - STMicroelectronics

Back Button STM32F746IE Datasheet HTML 61Page - STMicroelectronics STM32F746IE Datasheet HTML 62Page - STMicroelectronics STM32F746IE Datasheet HTML 63Page - STMicroelectronics STM32F746IE Datasheet HTML 64Page - STMicroelectronics STM32F746IE Datasheet HTML 65Page - STMicroelectronics STM32F746IE Datasheet HTML 66Page - STMicroelectronics STM32F746IE Datasheet HTML 67Page - STMicroelectronics STM32F746IE Datasheet HTML 68Page - STMicroelectronics STM32F746IE Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 227 page
background image
DocID027590 Rev 4
65/227
STM32F745xx STM32F746xx
Pinouts and pin description
88
-
-
G2
93
H14 112 135 H14
PG8
I/O FT
-
SPI6_NSS,
SPDIFRX_IN2,
USART6_RTS,
ETH_PPS_OUT,
FMC_SDCLK,
EVENTOUT
-
-
-
D2
94 G12 113 136 G10
VSS
S
-
-
-
-
-
F6
G1
95
H13 114 137 G11 VDDUSB
S
-
-
-
-
63
F10
F2
96
H15 115 138 H15
PC6
I/O FT
-
TIM3_CH1, TIM8_CH1,
I2S2_MCK, USART6_TX,
SDMMC1_D6, DCMI_D0,
LCD_HSYNC,
EVENTOUT
-
64
E10
F3
97 G15 116 139 G15
PC7
I/O FT
-
TIM3_CH2, TIM8_CH2,
I2S3_MCK, USART6_RX,
SDMMC1_D7, DCMI_D1,
LCD_G6, EVENTOUT
-
65
F9
E4
98 G14 117 140 G14
PC8
I/O FT
-
TRACED1, TIM3_CH3,
TIM8_CH3, UART5_RTS,
USART6_CK,
SDMMC1_D0, DCMI_D2,
EVENTOUT
-
66
E9
E3
99
F14 118 141 F14
PC9
I/O FT
-
MCO2, TIM3_CH4,
TIM8_CH4, I2C3_SDA,
I2S_CKIN, UART5_CTS,
QUADSPI_BK1_IO0,
SDMMC1_D1, DCMI_D3,
EVENTOUT
-
67
D9
F1
100 F15 119 142 F15
PA8
I/O FT
-
MCO1, TIM1_CH1,
TIM8_BKIN2, I2C3_SCL,
USART1_CK,
OTG_FS_SOF, LCD_R6,
EVENTOUT
-
68
C9
E2
101 E15 120 143 E15
PA9
I/O FT
-
TIM1_CH2, I2C3_SMBA,
SPI2_SCK/I2S2_CK,
USART1_TX, DCMI_D0,
EVENTOUT
OTG_FS_VB
US
Table 10. STM32F745xx and STM32F746xx pin and ball definition (continued)
Pin Number
Pin
name
(function
after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More