Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F746IE Fiches technique(PDF) 71 Page - STMicroelectronics

No de pièce STM32F746IE
Description  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F746IE Fiches technique(HTML) 71 Page - STMicroelectronics

Back Button STM32F746IE Datasheet HTML 67Page - STMicroelectronics STM32F746IE Datasheet HTML 68Page - STMicroelectronics STM32F746IE Datasheet HTML 69Page - STMicroelectronics STM32F746IE Datasheet HTML 70Page - STMicroelectronics STM32F746IE Datasheet HTML 71Page - STMicroelectronics STM32F746IE Datasheet HTML 72Page - STMicroelectronics STM32F746IE Datasheet HTML 73Page - STMicroelectronics STM32F746IE Datasheet HTML 74Page - STMicroelectronics STM32F746IE Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 227 page
background image
DocID027590 Rev 4
71/227
STM32F745xx STM32F746xx
Pinouts and pin description
88
95
B4
A9
139
A5
167 198
A7
PB8
I/O FT
-
TIM4_CH3, TIM10_CH1,
I2C1_SCL, CAN1_RX,
ETH_MII_TXD3,
SDMMC1_D4, DCMI_D6,
LCD_B6, EVENTOUT
-
96
A4
B9
140
B4
168 199
B4
PB9
I/O FT
-
TIM4_CH4, TIM11_CH1,
I2C1_SDA,
SPI2_NSS/I2S2_WS,
CAN1_TX, SDMMC1_D5,
DCMI_D7, LCD_B7,
EVENTOUT
-
97
D4
B10 141
A4
169 200
A6
PE0
I/O FT
-
TIM4_ETR,
LPTIM1_ETR,
UART8_Rx,
SAI2_MCK_A,
FMC_NBL0, DCMI_D2,
EVENTOUT
-
98
C4
A10 142
A3
170 201
A5
PE1
I/O FT
-
LPTIM1_IN2, UART8_Tx,
FMC_NBL1, DCMI_D3,
EVENTOUT
-
99
E4
-
-
D5
-
202
F6
VSS
S
-
-
-
-
-
F7
A11 143
C6
171 203
E5
PDR_ON
S
-
-
-
-
100
F4
D7
144
C5
172 204
E7
VDD
S
-
-
-
-
-
-
-
-
D4
173 205
C3
PI4
I/O FT
-
TIM8_BKIN,
SAI2_MCK_A,
FMC_NBL2, DCMI_D5,
LCD_B4, EVENTOUT
-
-
-
-
-
C4
174 206
D3
PI5
I/O FT
-
TIM8_CH1,
SAI2_SCK_A,
FMC_NBL3,
DCMI_VSYNC, LCD_B5,
EVENTOUT
-
Table 10. STM32F745xx and STM32F746xx pin and ball definition (continued)
Pin Number
Pin
name
(function
after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More