| Moteur de recherche de fiches techniques de composants électroniques |
|
CS89712 Fiches technique(PDF) 140 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS89712 Fiches technique(HTML) 140 Page - Cirrus Logic |
|
140 / 170 page ![]() CS89712 140 DS502PP2 5. MECHANICAL INFORMATION 5.1 256-PBGA PIN DIAGRAM 16 15 14 13 12 11 10 987654 321 TXDP TXDN N/C N/C RXDP RXDN RES VssA XTAL 1 XTAL 2 EECS EE DOUT Vss I/O DD 3 SD CS0 CS 0 A VddA VssA Vss I/O VssA VddA VssA VddA LINK LED LAN LED VssA EESK EE DIN N/C DD 2 SDQM 3 CS 1 B D 3 D 4 D 5 Vss I/O D 6 Vdd I/O N/C N/C Vss I/O N/C N/C Vdd I/O CL 1 DD 1 SDQM 2 CS 3 C MOE/ SDCAS Vdd I/O Vss I/O D 2 N/C A 19 D 0 N/C D 15 D 13 N/C Vdd CORE FRM DD 0 SD CKE CS 4 D A 16 A 15 D 1 A 18 A 6 A 17 MWE/ SDWE D 12 Vss I/O D 10 Vdd I/O CL 2 MSD CS1 SD CLK EXP CLK E A 14 A 13 Vss I/O Vss I/O A 4 A 5 WAKE UP PWR FL Vdd I/O D 11 Vss CORE Vss I/O Vdd I/O Vss I/O CS 5 WORD F A 12 VDD I/O A 11 A 3 ETH ENBL Vss I/O Vdd OSC MOSC IN Vss OSC Vss I/O Vss I/O TXD 2 TDI EXP RDY Vdd I/O WRITE G A 10 A 9 A 7 ETH ENBL uRST Vss I/O Vss I/O MOSC OUT PA 4 PA 6 PB 6 PB 5 PB 1 RXD 2 Vss I/O RUN H N/C A 2 A 1 D 7 nMED CHG D 8 Vss I/O TEST 1 PE 2 LED DRV Vdd I/O PA 3 TDO PB 4 PB0/ PRDY1 PB 7 J N/C A 0 N/C nBAT CHG A 8 Vdd I/O SSI TXDA SSI TXFR PD 1 PD 2 TEST 0 PA 1 PHD IN PA 5 PB 2 PB 3 K Vdd I/O Vdd I/O BAT OK VSS I/O D 9 D 14 Vss I/O DRV 0 SSI RXFR DRV 1 PD 3 PE 0 TXD 1 CTS PA 2 PA 7 L nPOR nTRST Vss I/O nEXT PWR D 17 COL 6 Vdd I/O FB 0 ADC CLK Vss I/O Vdd I/O PE 1 RXD 1 Vss I/O DSR PA 0 M D 18 D 21 D 16 D 19 Vdd I/O COL 1 COL 0 COL 2 COL 7 SMP CLK ADC CS PD 5 nEXT FIQ N/C nEINT 1 DCD N A 20 A 23 D 20 D 22 A 22 D 28 Vss I/O D 31 COL 3 FB 1 Vdd I/O SSI RXDA PD6/ SDQM0 Vdd RTC Vss RTC nEINT 2 P D 23 D 24 A 21 Vss I/O Vdd I/O Vss I/O A 27 D 30 BUZ COL 4 Vdd I/O ADC IN PD 0 PD 4 RTC OUT RTC IN R A24 HALF WORD D 25 A 25 D 26 A 26 D 27 D 29 TCLK COL 5 ADC OUT Vdd I/O Vss I/O SSI CLK TMS PD7/ SDQM1 T Table 89. 256-Ball PBGA Ball Listing (bottom view) |