Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OM6206U/Z Fiches technique(PDF) 32 Page - NXP Semiconductors

No de pièce OM6206U/Z
Description  65 X 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM6206U/Z Fiches technique(HTML) 32 Page - NXP Semiconductors

Back Button OM6206U/Z Datasheet HTML 28Page - NXP Semiconductors OM6206U/Z Datasheet HTML 29Page - NXP Semiconductors OM6206U/Z Datasheet HTML 30Page - NXP Semiconductors OM6206U/Z Datasheet HTML 31Page - NXP Semiconductors OM6206U/Z Datasheet HTML 32Page - NXP Semiconductors OM6206U/Z Datasheet HTML 33Page - NXP Semiconductors OM6206U/Z Datasheet HTML 34Page - NXP Semiconductors OM6206U/Z Datasheet HTML 35Page - NXP Semiconductors OM6206U/Z Datasheet HTML 36Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
2001 Nov 14
32
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
OM6206
16 TRAY INFORMATION
handbook, full pagewidth
MGT885
D
C
A
x
y
F
E
H
G
B
Fig.21 Tray details.
handbook, halfpage
MGT886
Fig.22 Tray alignment.
The orientation of the IC in a pocket is indicated by the position of the IC type name on the die surface with respect to the chamfer on the upper left
corner of the tray. Refer to the bonding pad location diagram for the orientating and position of the type name on the die surface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36