Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OM6206U/Z Fiches technique(PDF) 29 Page - NXP Semiconductors

No de pièce OM6206U/Z
Description  65 X 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM6206U/Z Fiches technique(HTML) 29 Page - NXP Semiconductors

Back Button OM6206U/Z Datasheet HTML 25Page - NXP Semiconductors OM6206U/Z Datasheet HTML 26Page - NXP Semiconductors OM6206U/Z Datasheet HTML 27Page - NXP Semiconductors OM6206U/Z Datasheet HTML 28Page - NXP Semiconductors OM6206U/Z Datasheet HTML 29Page - NXP Semiconductors OM6206U/Z Datasheet HTML 30Page - NXP Semiconductors OM6206U/Z Datasheet HTML 31Page - NXP Semiconductors OM6206U/Z Datasheet HTML 32Page - NXP Semiconductors OM6206U/Z Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
dummy bump
dummy bump
OM6206
x
y
0, 0
MGT887
2.14
mm
10.94 mm
Fig.20 Bonding pad locations.
(1) The alignment marks are circles with a diameter of 100
µm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36