Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OM6206U/Z Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce OM6206U/Z
Description  65 X 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM6206U/Z Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button OM6206U/Z Datasheet HTML 5Page - NXP Semiconductors OM6206U/Z Datasheet HTML 6Page - NXP Semiconductors OM6206U/Z Datasheet HTML 7Page - NXP Semiconductors OM6206U/Z Datasheet HTML 8Page - NXP Semiconductors OM6206U/Z Datasheet HTML 9Page - NXP Semiconductors OM6206U/Z Datasheet HTML 10Page - NXP Semiconductors OM6206U/Z Datasheet HTML 11Page - NXP Semiconductors OM6206U/Z Datasheet HTML 12Page - NXP Semiconductors OM6206U/Z Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
2001 Nov 14
9
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
OM6206
7.7
Addressing
Data is downloaded in bytes into the RAM matrix of
OM6206 as indicated in Figs.3, 4, 5 and 6.
The display RAM has a matrix of 65
× 102 bits. The
columns are addressed by the address pointer. The
address ranges are: X from 0 to 101 (1100101)
and Y from 0 to 8 (1000). Addresses outside these ranges
are not allowed.
In vertical addressing mode (bit V = 1) the Y-address
increments after each byte (see Fig.6).
After the last Y-address (Y = 8) Y wraps
around to 0 and X increments to address the next column.
In horizontal addressing mode (bit V = 0) the X-address
increments after each byte (see Fig.5). After the last
X-address (X = 101) X wraps around to 0 and
Y increments to address the next row.
After the very last address (X = 101, Y = 8) the address
pointers wrap around to address X = 0, Y = 0.
7.7.1
DATA STRUCTURE
handbook, full pagewidth
LSB
MSB
LSB
MSB
MGT862
0
101
X-address
0
8
Y-address
Fig.4 RAM format, addressing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36