| Moteur de recherche de fiches techniques de composants électroniques |
|
OM6206U/Z Fiches technique(PDF) 23 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
OM6206U/Z Fiches technique(HTML) 23 Page - NXP Semiconductors |
|
23 / 36 page ![]() 2001 Nov 14 23 Philips Semiconductors Product specification 65 × 102 pixels matrix LCD driver OM6206 13.2 Application diagrams 12 100011111 data write 13 000001101 display control: set inverse video mode (D=1andE=1) 14 010000000 set X-address of RAM: set address to ‘0000000’ 15 100000000 data write STEP SERIAL BUS BYTE DISPLAY OPERATION D/C DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 MGT151 MGT152 MGT152 MGT874 handbook, full pagewidth MGT875 5(1) I/O CVLCD OM6206 102 column drivers 33 row drivers 32 row drivers VDD VSS CVDD LCD (65 × 102 pixels) Fig.17 Application diagram: internal charge pump is used and a single supply VDD. (1) 6 if external oscillator is used. |