Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320VC5502 Fiches technique(PDF) 173 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Fiches technique(HTML) 173 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 169Page - Texas Instruments TMS320VC5502 Datasheet HTML 170Page - Texas Instruments TMS320VC5502 Datasheet HTML 171Page - Texas Instruments TMS320VC5502 Datasheet HTML 172Page - Texas Instruments TMS320VC5502 Datasheet HTML 173Page - Texas Instruments TMS320VC5502 Datasheet HTML 174Page - Texas Instruments TMS320VC5502 Datasheet HTML 175Page - Texas Instruments TMS320VC5502 Datasheet HTML 176Page - Texas Instruments TMS320VC5502 Datasheet HTML 177Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 189 page
background image
www.ti.com
HCS
HPI.HAS
HCNTL[1:0]
HR/W
HPI.HBIL
DS
HPI.HD[7:0]
HRDY
H16
H15
H37
H13
H14
H16
H15
H37
H13
H3
H1
H2
H3
H1
H2
H38
H7
H4
H6
(A ) Depending on the type of write or read operation (HPID without auto-incrementing, HPIA, HPIC, or HPID with auto-incrementing) and the
state of the FIFO, transitions on HRDY may or may not occur [see the TMS320VC5501/5502 DSP Host Port Interface (HPI) Reference
Guide (literature number SPRU620)].
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Figure 5-41. Multiplexed Read Timings With HPI.HAS Held High
Specifications
173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More