Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320VC5502 Fiches technique(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Fiches technique(HTML) 63 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 59Page - Texas Instruments TMS320VC5502 Datasheet HTML 60Page - Texas Instruments TMS320VC5502 Datasheet HTML 61Page - Texas Instruments TMS320VC5502 Datasheet HTML 62Page - Texas Instruments TMS320VC5502 Datasheet HTML 63Page - Texas Instruments TMS320VC5502 Datasheet HTML 64Page - Texas Instruments TMS320VC5502 Datasheet HTML 65Page - Texas Instruments TMS320VC5502 Datasheet HTML 66Page - Texas Instruments TMS320VC5502 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 189 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
3.10.5.3
PLL Divider 0 Register (PLLDIV0) (Prescaler)
This register controls the value of the PLL prescaler (Divider D0).
15
14
8
D0EN
Reserved
R/W, 1
R, 0000000
7
5
4
0
Reserved
PLLDIV0
R, 000
R/W, 00000
LEGEND: R = Read, W = Write, n = value at reset
Figure 3-17. PLL Divider 0 Register Layout (0x1C8A)
Table 3-15. PLL Divider 0 Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
D0EN
15
R/W
1
Divider D0 enable
•
D0EN = 0: Divider 0 disabled
•
D0EN = 1: Divider 0 enabled
Reserved
14:5
R
0000000000
Reserved. Reads return 0. Writes have no effect.
Functional Overview
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More