| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS320VC5502 Fiches technique(PDF) 9 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC5502 Fiches technique(HTML) 9 Page - Texas Instruments |
|
9 / 189 page ![]() www.ti.com TMS320VC5502 Fixed-Point Digital Signal Processor SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004 5-23 External Interrupt Timings ...................................................................................................... 150 5-24 External Interrupt Acknowledge Timings ..................................................................................... 150 5-25 XF Timings ....................................................................................................................... 151 5-26 General-Purpose Input/Output (GPIOx) Signal Timings .................................................................... 152 5-27 Parallel General-Purpose Input/Output (PGPIOx) Signal Timings ........................................................ 153 5-28 TIM0/TIM1/WDTOUT Timings When Configured as Timer Input Pins ................................................... 154 5-29 TIM0/TIM1/WDTOUT Timings When Configured as Timer Output Pins ................................................. 154 5-30 TIM0/TIM1/WDTOUT General-Purpose I/O Timings ....................................................................... 156 5-31 TIM0/TIM1/WDTOUT Interrupt Timings ...................................................................................... 157 5-32 McBSP Receive Timings ....................................................................................................... 160 5-33 McBSP Transmit Timings ....................................................................................................... 160 5-34 McBSP General-Purpose I/O Timings ........................................................................................ 161 5-35 McBSP Timings as SPI Master or Slave: CLKSTP = 10b, CLKXP = 0 .................................................. 163 5-36 McBSP Timings as SPI Master or Slave: CLKSTP = 11b, CLKXP = 0 .................................................. 165 5-37 McBSP Timings as SPI Master or Slave: CLKSTP = 10b, CLKXP = 1 .................................................. 166 5-38 McBSP Timings as SPI Master or Slave: CLKSTP = 11b, CLKXP = 1 .................................................. 168 5-39 Non-Multiplexed Read/Write Timings ......................................................................................... 171 5-40 Multiplexed Read Timings Using HPI.HAS ................................................................................... 172 5-41 Multiplexed Read Timings With HPI.HAS Held High ....................................................................... 173 5-42 Multiplexed Write Timings Using HPI.HAS ................................................................................... 174 5-43 Multiplexed Write Timings With HPI.HAS Held High ........................................................................ 175 5-44 HINT Timings ..................................................................................................................... 175 5-45 HPI General-Purpose I/O Timings ............................................................................................. 177 5-46 HPI.HAS Interrupt Timings ..................................................................................................... 178 5-47 I2C Receive Timings ............................................................................................................. 179 5-48 I2C Transmit Timings ............................................................................................................ 180 5-49 UART Timings .................................................................................................................... 181 List of Figures 9 |