| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS320VC5502 Fiches technique(PDF) 172 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC5502 Fiches technique(HTML) 172 Page - Texas Instruments |
|
172 / 189 page ![]() www.ti.com HCS HPI.HAS HR/W HPI.HBIL DS HPI.HD[7:0] HRDY H2 H3 H1 H37 H9 H10 H14 H2 H38 H12 H11 H12 H11 H12 H11 H13 H7 H6 H1 H3 H13 H37 H9 H10 H36 HCNTL[1:0] H12 H11 H12 H11 H12 (A ) Depending on the type of write or read operation (HPID without auto-incrementing, HPIA, HPIC, or HPID with auto-incrementing) and the state of the FIFO, transitions on HRDY may or may not occur [see the TMS320VC5501/5502 DSP Host Port Interface (HPI) Reference Guide (literature number SPRU620)]. H11 TMS320VC5502 Fixed-Point Digital Signal Processor SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004 Figure 5-40. Multiplexed Read Timings Using HPI.HAS 172 Specifications |