Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320VC5502 Fiches technique(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Fiches technique(HTML) 53 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 49Page - Texas Instruments TMS320VC5502 Datasheet HTML 50Page - Texas Instruments TMS320VC5502 Datasheet HTML 51Page - Texas Instruments TMS320VC5502 Datasheet HTML 52Page - Texas Instruments TMS320VC5502 Datasheet HTML 53Page - Texas Instruments TMS320VC5502 Datasheet HTML 54Page - Texas Instruments TMS320VC5502 Datasheet HTML 55Page - Texas Instruments TMS320VC5502 Datasheet HTML 56Page - Texas Instruments TMS320VC5502 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 189 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 3-9. Synchronization Control Function
SYNC FIELD IN
SYNCHRONIZATION MODE
DMA_CCR
00000b
No event synchronized
00001b
McBSP 0 Receive Event (REVT0)
00010b
McBSP 0 Transmit Event (XEVT0)
00011b
Reserved (Do not use this value)
00100b
Reserved (Do not use this value)
00101b
McBSP1 Receive Event (REVT1)
00110b
McBSP1 Transmit Event (XEVT1)
00111b
Reserved (Do not use this value)
01000b
Reserved (Do not use this value)
Reserved/McBSP Event
01001b
•
Serial Port 2 Mux Mode = 0: Reserved
•
Serial Port 2 Mux Mode = 1: McBSP2 Receive Event (REVT2)
Reserved/McBSP Event
01010b
•
Serial Port 2 Mux Mode = 0: Reserved
•
Serial Port 2 Mux Mode = 1: McBSP2 Transmit Event (XEVT2)
Reserved/UART Event
01011b
•
Serial Port 2 Mux Mode = 0: UART Receive Event (UARTREVT)
•
Serial Port 2 Mux Mode = 1: Reserved
Reserved/UART Event
01100b
•
Serial Port 2 Mux Mode = 0: UART Transmit Event (UARTXEVT)
•
Serial Port 2 Mux Mode = 1: Reserved
01101b
Timer 0 Event
01110b
Timer 1 Event
01111b
External Interrupt 0
10000b
External Interrupt 1
10001b
External Interrupt 2
10010b
External Interrupt 3
10011b
I2C Receive Event
10100b
I2C Transmit Event
Other values
Reserved (Do not use these values)
53
Functional Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More