Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320VC5502 Fiches technique(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Fiches technique(HTML) 66 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 62Page - Texas Instruments TMS320VC5502 Datasheet HTML 63Page - Texas Instruments TMS320VC5502 Datasheet HTML 64Page - Texas Instruments TMS320VC5502 Datasheet HTML 65Page - Texas Instruments TMS320VC5502 Datasheet HTML 66Page - Texas Instruments TMS320VC5502 Datasheet HTML 67Page - Texas Instruments TMS320VC5502 Datasheet HTML 68Page - Texas Instruments TMS320VC5502 Datasheet HTML 69Page - Texas Instruments TMS320VC5502 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 189 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
3.10.5.5
PLL Divider2 Register (PLLDIV2) for SYSCLK2
This register controls the value of the divider D2 for SYSCLK2. It is in both the BYPASS and PLL paths.
15
14
8
D2EN
Reserved
R/W, 1
R, 0000000
7
5
4
0
Reserved
PLLDIV2
R, 000
R/W, 00011
LEGEND: R = Read, W = Write, n = value at reset
Figure 3-19. PLL Divider 2 Register Layout (0x1C8E)
Table 3-17. PLL Divider 2 Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
D2EN
15
R/W
1
Divider D2 enable
•
D2EN = 0: Divider 2 disabled
•
D2EN = 1: Divider 2 enabled
Reserved
14:5
R
0000000000
Reserved. Reads return 0. Writes have no effect.
PLLDIV2
4:0
R/W
00011
Divider D2 ratio (SYSCLK2 divider)
•
PLLDIV2 = 00000: Divide by 1
•
PLLDIV2 = 00001: Divide by 2
•
PLLDIV2 = 00010: Reserved
•
PLLDIV2 = 00011: Divide by 4
•
PLLDIV2 = 00100–11111: Reserved
66
Functional Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More