| Moteur de recherche de fiches techniques de composants électroniques |
|
VT8231 Fiches technique(PDF) 18 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VT8231 Fiches technique(HTML) 18 Page - List of Unclassifed Manufacturers |
|
18 / 132 page ![]() VT8231 Preliminary Revision 0.8 October 29, 1999 -12- Pinouts 7HFKQRORJLHV ,QF :H &RQQHFW :H &RQQHFW Advanced Programmable Interrupt Controller (APIC) Interface Signal Name Pin # I/O Signal Description WSC# / APICREQ# / GPI14 V4 I / I / I Internal APIC Write Snoop Complete. Asserted by the north bridge to indicate that all snoop activity on the CPU bus initiated by the last PCI-to-DRAM write is complete and that it is safe to perform an APIC interrupt. External APIC Request. Asserted by external APIC synchronous to PCICLK prior to sending an interrupt over the APIC serial bus. This signals the VT8231 to flush its internal buffers. APICD0 / APICCS# / GPIO28 W4 O / O / IO Internal APIC Data 0. External APIC Chip Select. The VT8231 drives this signal active to select an external APIC (if used). This occurs if the external APIC is enabled and a PCI cycle is detected within the programmed APIC address range. APICD1 / APICACK# / GPIO29 Y4 O / O / IO Internal APIC Data 1. External APIC Acknowledge. Asserted by the VT8231 to indicate that it internal buffers have been flushed (in response to APICREQ#). This indicates to the external APIC that the VT8231’s internal buffers have been flushed and that it is OK for the APIC to send its interrupt. APICCLK / GPI9 Y3 I / I APIC Clock. SCIOUT# / GPIOD / GPIO30 / DTEST Y1 O / IO IO / O SCI Out. Used to route internally generated SCI and SMBus interrupts to external APIC (if used). Defined as SCIOUT# if external APIC enabled (function 0 Rx74[7] = 1). AIRQ / MCOL G17 O APIC IRQ. Internal condition for connection to external APIC. AIRQ / MCRS G16 O APIC IRQ. Internal condition for connection to external APIC. AIRQ / MRXCLK E17 O APIC IRQ. Internal condition for connection to external APIC. AIRQ / MRXD0 E19 O APIC IRQ. Internal condition for connection to external APIC. AIRQ / MRXDV E20 O APIC IRQ. Internal condition for connection to external APIC. AIRQ / MRXERR F18 O APIC IRQ. Internal condition for connection to external APIC. AIRQ / MTXCLK F16 O APIC IRQ. Internal condition for connection to external APIC. AIRQ / MTXD0 F20 O APIC IRQ. Internal condition for connection to external APIC. AIRQ / MTXD1 G18 O APIC IRQ. Internal condition for connection to external APIC. AIRQ / MTXD2 G19 O APIC IRQ. Internal condition for connection to external APIC. AIRQ / MTXD3 G20 O APIC IRQ. Internal condition for connection to external APIC. AIRQ / MTXENA F19 O APIC IRQ. Internal condition for connection to external APIC. Serial EEPROM Interface Signal Name Pin # I/O Signal Description EECS# C18 O Serial EEPROM Chip Select. EECK E16 O Serial EEPROM Clock. EEDO C20 O Serial EEPROM Data Output. EEDI C19 I Serial EEPROM Data Input. |