| Moteur de recherche de fiches techniques de composants électroniques |
|
VT8231 Fiches technique(PDF) 81 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VT8231 Fiches technique(HTML) 81 Page - List of Unclassifed Manufacturers |
|
81 / 132 page ![]() VT8231 Preliminary Revision 0.8 October 29, 1999 -75- Function 1 Registers - Enhanced IDE Controller 7HFKQRORJLHV ,QF :H &RQQHFW :H &RQQHFW Offset 70 – Primary IDE Status .......................................RW 7 Interrupt Status 6 Prefetch Buffer Status 5 Post Write Buffer Status 4 DMA Read Prefetch Status 3 DMA Write Prefetch Status 2 S/G Operation Complete 1-0 Reserved ........................................ always reads 0 Offset 71 – Primary Interrupt Control............................RW 7-1 Reserved ........................................ always reads 0 0 Flush FIFO Before Generating IDE Interrupt 0 Disable ...................................................default 1Enable Offset 78 – Secondary IDE Status ................................... RW 7 Interrupt Status 6 Prefetch Buffer Status 5 Post Write Buffer Status 4 DMA Read Prefetch Status 3 DMA Write Prefetch Status 2 S/G Operation Complete 1-0 Reserved ........................................ always reads 0 Offset 79 - Secondary Interrupt Control ........................ RW 7-1 Reserved ........................................ always reads 0 0 Flush FIFO Before Generating IDE Interrupt 0 Disable................................................... default 1Enable |