| Moteur de recherche de fiches techniques de composants électroniques |
|
VT8231 Fiches technique(PDF) 70 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VT8231 Fiches technique(HTML) 70 Page - List of Unclassifed Manufacturers |
|
70 / 132 page ![]() VT8231 Preliminary Revision 0.8 October 29, 1999 -64- Function 0 Registers - PCI to ISA Bridge 7HFKQRORJLHV ,QF :H &RQQHFW :H &RQQHFW Miscellaneous / General Purpose I/O Offset 73-70 - Subsystem ID ............................................ WO 31-0 Subsystem ID / Vendor ID................. always reads 0 Contents may be read at offset 2C. Offset 74 – GPIO Control 1..............................................RW 7APIC Enable 0 Disable (Pin U8 is GPIOD / MCCS#)....default 1 Enable (Pin U8 is SCIOUT#) 6SERIRQ Pin 0 SERIRQ input from DRQ2 (Pin H3)......default 1 SERIRQ input from DACK5# (Pin L4) 5 GPIOD Direction (Pin U8) 0 Input .....................................................default 1 Output (GPO11) 4 GPIOC Direction (Pin V14) 0 Input .....................................................default 1Output 3 GPIOB Direction (Pin U12) 0 Input .....................................................default 1Output 2 GPIOA Direction (Pin T14) 0 Input .....................................................default 1Output 1 THRM Enable (Pin T11) 0 PME# / GPI5 (see Func 4 Rx48[5]) .......default 1THRM 0 GPI0 / IOCHCK# Select 0 GPI0 .....................................................default 1 IOCHCK# Offset 75 – GPIO Control 2 ............................................. RW 7 GPO7 Enable (Pin T7) 0 Pin defined as SLP#............................... default 1 Pin defined as GPO7 6 Reserved ........................................ always reads 0 5 GPO5 Enable (Pin V12) 0 Pin defined as PCISTP# ........................ default 1 Pin defined as GPO5 4 GPO4 Enable (Pin Y12) 0 Pin defined as CPUSTP# ....................... default 1 Pin defined as GPO4 3 FDC External IRQ / DRQ Via DACK2# / DRQ2 0 Pin G5 is FDCIRQ, pin H3 is FDCDRQ ..... def 1 Pin G5 is DACK2# or other alternate function Pin H3 is DRQ2 or other alternate function 2 GPO25 Enable (Pin G5) 0 Rx75[3]=0: Pin G5 defined as DACK2# .... def 1 Pin G5 defined as GPO25 1 GPO24 Enable (Pin H3) 0 Rx75[3]=0: ............................................ default Rx68[3]=0: Pin H3 defined as DRQ2 Rx68[3]=1: Pin H3 defined as SERIRQ 1 Pin H3 defined as GPO24 0 Positive Decode 0 Subtractive Decode................................ default 1 Positive Decode |