| Moteur de recherche de fiches techniques de composants électroniques |
|
VT8231 Fiches technique(PDF) 29 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VT8231 Fiches technique(HTML) 29 Page - List of Unclassifed Manufacturers |
|
29 / 132 page ![]() VT8231 Preliminary Revision 0.8 October 29, 1999 -23- Pinouts 7HFKQRORJLHV ,QF :H &RQQHFW :H &RQQHFW General Purpose Inputs Signal Name Pin # I/O Signal Description GPI0 F4 I General Purpose Input 0 GPI1 / IRQ8# V3 I / I General Purpose Input 1 (Rx5A[2] = 1) GPI2 / EXTSMI# T4 I / IO General Purpose Input 2 GPI3 / RING# U3 I / I General Purpose Input 3 GPI4 / LID Y2 I / I General Purpose Input 4 GPI5 / BATLOW# T3 I / I General Purpose Input 5 GPI6 / PME# U1 I / I General Purpose Input 6 GPI7 / SMBALRT# T2 I / I General Purpose Input 7 GPI8 / INTRUDER# F3 I / I General Purpose Input 8 GPI9 / APICCLK Y3 I / I General Purpose Input 9 GPI10 / SD8 / HREQ1# Y11 I / IO / I General Purpose Input 10 GPI11 / SD10 / HREQ2# W11 I / IO / I General Purpose Input 11 GPI12 / SD12 / LREQ1# U10 I / IO / I General Purpose Input 12 GPI13 / SD14 / LREQ2# W10 I / IO / I General Purpose Input 13 GPI14 / WSC# / APICREQ# V4 I / I / I General Purpose Input 14 GPI15 / LDRQ# / ACSDIN3 Y8 I / I / I General Purpose Input 15 GPI16 / CPUMISS R5 I / I General Purpose Input 16 GPI17 / AOLGPI / THRM P3 I / I / I General Purpose Input 17 GPI18 / GPO18 / FAN2 / SLPBTN# K3 I / O / I / I General Purpose Input 18 GPI19 / GPO19 / ACSDIN2 / PCS1# J1 I / O / I / O General Purpose Input 19 GPI20 General Purpose Input 20 GPI21 General Purpose Input 21 GPI22 General Purpose Input 22 GPI23 General Purpose Input 23 GPI24 / GPO24 / GPIOA V2 I / O / IO General Purpose Input 24 GPI25 / GPO25 / GPIOC / ATEST J2 I / O / IO / O General Purpose Input 25 GPI26 / GPO26 / SMBDT2 R2 I / O / IO General Purpose Input 26 GPI27 / GPO27 / SMBCK2 R1 I / O / IO General Purpose Input 27 GPI28 / GPO28 / APICD0 / APICCS# W4 I / O / O / O General Purpose Input 28 GPI29 / GPO29 / APICD1 / APICACK# Y4 I / O / O / O General Purpose Input 29 GPI30 / GPO30 / GPIOD / DTEST / SCIOUT# Y1 I / O / IO / O / O General Purpose Input 30 GPI31 / GPO31 / GPIOE W3 I / O / IO General Purpose Input 31 |