| Moteur de recherche de fiches techniques de composants électroniques |
|
VT8231 Fiches technique(PDF) 77 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VT8231 Fiches technique(HTML) 77 Page - List of Unclassifed Manufacturers |
|
77 / 132 page ![]() VT8231 Preliminary Revision 0.8 October 29, 1999 -71- Function 1 Registers - Enhanced IDE Controller 7HFKQRORJLHV ,QF :H &RQQHFW :H &RQQHFW IDE-Controller-Specific Confiiguration Registers Offset 40 - Chip Enable.....................................................RW 7-4 Reserved ........................................ always reads 0 3-2 Reserved (Do Not Program)...........R/W, default = 0 1 Primary Channel Enable........ default = 0 (disabled) 0 Secondary Channel Enable .... default = 0 (disabled) Offset 41 - IDE Configuration..........................................RW 7 Primary IDE Read Prefetch Buffer 0 Disable ...................................................default 1Enable 6 Primary IDE Post Write Buffer 0 Disable ...................................................default 1Enable 5 Secondary IDE Read Prefetch Buffer 0 Disable ...................................................default 1Enable 4 Secondary IDE Post Write Buffer 0 Disable ...................................................default 1Enable 3 Reserved ........................................ always reads 0 2 Reserved (Do Not Change) ........................ default=1 1 Reserved (Do Not Change) ........................ default=1 0 Reserved ........................................ always reads 0 Offset 42 - Reserved (Do Not Program) ..........................RW Offset 43 - FIFO Configuration....................................... RW 7-4 Reserved ........................................ always reads 0 3-2 Threshold for Primary Channel 00 0 01 1/4 10 1/2 .................................................... default 11 3/4 1-0 Threshold for Secondary Channel 00 0 01 1/4 10 1/2 .................................................... default 11 3/4 |