Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RSC5-7 Fiches technique(PDF) 32 Page - Lumberg

No de pièce RSC5-7
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUMBERG [Lumberg]
Site Internet  http://www.lumberg.com
Logo LUMBERG - Lumberg

RSC5-7 Fiches technique(HTML) 32 Page - Lumberg

Back Button RSC5-7 Datasheet HTML 28Page - Lumberg RSC5-7 Datasheet HTML 29Page - Lumberg RSC5-7 Datasheet HTML 30Page - Lumberg RSC5-7 Datasheet HTML 31Page - Lumberg RSC5-7 Datasheet HTML 32Page - Lumberg RSC5-7 Datasheet HTML 33Page - Lumberg RSC5-7 Datasheet HTML 34Page - Lumberg RSC5-7 Datasheet HTML 35Page - Lumberg RSC5-7 Datasheet HTML 36Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
32
1 1/8” C Body-Female Straight
Mini Cordsets, Single Ended, 1 1/8”” Female Straight
Connector, 12-Poles (11 Conductors) with Internal
Threads and Molded Cable. IP 67 Rated.
Color Code:
IEC
Cable Types:
18 AWG
728
= TPE, yellow
RK 120
Part No.
RK 120-728/6 F
RK 120-728/12 F
RK 120-728/15 F
RK 120-728/20 F
RK 120-728/30 F
M23 Male Straight
M23 Cordsets, Single Ended, Male Straight Connector,
12- and 19-Poles with Threaded Joint, External
Threads and Molded Cable. IP 67 Rated.
Cable Types:
242 | 256
= PUR, halogen-free, black
M23 Male 90˚
M23 Cordsets, Single Ended, Male 90
˚ Connector, 12-
and 19-Poles with Threaded Joint, External Threads
and Molded Cable. IP 67 Rated.
Cable Types:
242 | 256
= PUR, halogen-free, black
RSUF
RSWUF
Part No.
RSUF 12-256/5 M
RSUF 12-256/10 M
RSUF 12-256/15 M
RSUF 12-256/20 M
RSUF 19-242/5 M
RSUF 19-242/10 M
RSUF 19-242/15 M
RSUF 19-242/20 M
Part No.
RSWUF 12-256/5 M
RSWUF 12-256/10 M
RSWUF 12-256/15 M
RSWUF 12-256/20 M
RSWUF 19-242/5 M
RSWUF 19-242/10 M
RSWUF 19-242/15 M
RSWUF 19-242/20 M
Mini 1 1/8” -Round-Plug Connector
1 1/8”-Single-Ended Cordsets, C Body Style
M23 -Round-Plug Connector Actuators, Sensors and Distribution Boxes
M23-Single-Ended Cordsets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More