Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RSC5-7 Fiches technique(PDF) 52 Page - Lumberg

No de pièce RSC5-7
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUMBERG [Lumberg]
Site Internet  http://www.lumberg.com
Logo LUMBERG - Lumberg

RSC5-7 Fiches technique(HTML) 52 Page - Lumberg

Back Button RSC5-7 Datasheet HTML 48Page - Lumberg RSC5-7 Datasheet HTML 49Page - Lumberg RSC5-7 Datasheet HTML 50Page - Lumberg RSC5-7 Datasheet HTML 51Page - Lumberg RSC5-7 Datasheet HTML 52Page - Lumberg RSC5-7 Datasheet HTML 53Page - Lumberg RSC5-7 Datasheet HTML 54Page - Lumberg RSC5-7 Datasheet HTML 55Page - Lumberg RSC5-7 Datasheet HTML 56Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
52
M12-Duo-Male - 2xM12-Male/Female
T-Splitter, 3-Pole, with Two Female Connectors,
Self-Locking Threaded Joint, with Home Run Cable,
IP 67 Rated.
Cable Types:
225
= PUR, halogen-free, black
M12-Male - 2xM8 Female
T-Splitter, 3-Poles, with One M12 Male and Two M8
Female Connectors, Self-Locking Threaded Joint,
IP 67 Rated.
M12-Male - 2xM12 Female
T-Splitter, 2-Way, 4-Poles with One M12-Male
Connector and Two M12-Female Connectors. IP 67
Rated.
M12-Male - 2xM12 Female
T-Splitter, 3- and 5-Poles with One M12 Male and
Two M12 Female Connectors, Self-Locking Threaded
Joint, IP 67 Rated.
ASBS 2 M12-5 1-1:
1 to 1 wired through
ASBSA 2 M12-3:
with AND-circuit
ZV 2
ASBS 2 M8
ASBS 2 M12-S-2326 | ASBS 2 M12-S-2325
ASBS 2 M12 | ASBSA 2 M12
T-Splitters and Adapters
2-Port-Distributor, M8-T-Distributor, M12-T-Distributor
Part No.
ZV 2 4-3-225/2 M
ZV 2 4-3-225/5 M
ZV 2 4-3-225/10 M
Part No.
ASBS 2 M8
Part No.
ASBS 2 M12-S-2326
ASBS 2 M12-S-2325
Part No.
ASBSA 2 M12-3
ASBS 2 M12-5S
ASBS 2 M12-5
ASBS 2 M12-5
A
B
ASBS 2 M12-5S
A
B
Wired to work with ASBV distribution Boxes
ASBSA 2 M12-3
A
B
M12
A
B
M12
A
B
ASBS 2 M12-S-2326
ASBS 2 M12-S-2325
M12
M8 A M8 B
M12
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More