Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RSC5-7 Fiches technique(PDF) 57 Page - Lumberg

No de pièce RSC5-7
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUMBERG [Lumberg]
Site Internet  http://www.lumberg.com
Logo LUMBERG - Lumberg

RSC5-7 Fiches technique(HTML) 57 Page - Lumberg

Back Button RSC5-7 Datasheet HTML 53Page - Lumberg RSC5-7 Datasheet HTML 54Page - Lumberg RSC5-7 Datasheet HTML 55Page - Lumberg RSC5-7 Datasheet HTML 56Page - Lumberg RSC5-7 Datasheet HTML 57Page - Lumberg RSC5-7 Datasheet HTML 58Page - Lumberg RSC5-7 Datasheet HTML 59Page - Lumberg RSC5-7 Datasheet HTML 60Page - Lumberg RSC5-7 Datasheet HTML 61Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
57
Receptacle Connectors In Accordance With IEC 61076-2-104
M8-Receptacles
Receptacle Connector, M8 Male for Rear Mounting,
Printed Contacts, Chassis Side Thread M10 x 1 (Panel
Nut Included), IP 67 Rated.
Receptacle Connector, M8 Female for Rear Mounting,
Printed Contacts, Chassis Side Thread M10 x 1 (Panel
Nut Included), IP 67 Rated.
Receptacle Connector, M8 Male, 3-, 4- and 8-Pole
for Front Mounting, Assembled Standard Wire, Solder
Contacts Potted with Epoxy, Chassis Side Thread
M8 x 0.5 (Panel Nut RSKF 8), IP 67 Rated.
Receptacle Connector, M8 Female, 3- and 4-Pole for
Front Mounting, Assembled Standard Wire, Solder
Contacts Potted with Epoxy, Chassis Side Thread
M8 x 0.5 (Panel Nut RSKF 8), IP 67 Rated.
RSMHL.../S 5,5
RKMHL.../S 5,5
RSMF.../0,5 M
RKMF.../0,5 M
Part No.
RSMHL 3/ S 5,5
RSMHL 4/S 5,5
Part No.
RKMHL 3/ S 5,5
RKMHL 4/S 5,5
Part No.
RSMF 3/0,5 M
RSMF 4/0,5 M
RSMF 8/0,5 M
Part No.
RKMF 3/0,5 M
RKMF 4/0,5 M
Receptacles
Receptacle Connector, M8 Male, 3- and 4-Pole for
Sensors with Short Solder Contacts, Solid Contacts
on Solder Side, RSMEK...L: with Ventilation Hole 1.1
mm Ø.
Receptacle Connector, M8 Male, 8-Pole for Sensors
with Long Solder Contacts, Solid Contacts on Solder
Side.
RSME
RSMEK
RSEM
Part No.
RSME 3
Part No.
RSMEK 3 L
RSMEK 4
Part No.
RSEM 8
Receptacle Connector, M8 Male, 3-Pole for Sensors
with Short Solder Contacts, Solid Contacts on Solder
Side, RSMEK...L: with Ventilation Hole 1.1 mm Ø.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com