| Moteur de recherche de fiches techniques de composants électroniques |
|
RSC5-7 Fiches technique(PDF) 22 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
RSC5-7 Fiches technique(HTML) 22 Page - Lumberg |
|
22 / 178 page ![]() 1-717-217-2299 www.lumberg-automationusa.com 22 M12-Female Straight – LED Actuator-/Sensor-Cordsets with LED, Single Ended, M12-Female Straight Connector, 3-Poles with Threaded Joint and Molded Cable. IP 67 Rated. Cable Types: 632 = PVC, yellow Part No. RKT/LED A 4-3-632/1 M RKT/LED A 4-3-632/2 M RKT/LED A 4-3-632/5 M RKT/LED A 4-3-632/10 M RKT/LED M12-Round-Plug Connector According to IEC 61076-2-101 M12-Cordsets M12-Female 90° – LED Actuator-/Sensor-Cordsets with LED, Single Ended, M12-Female 90° Connector, 3- and 4-Poles with Threaded Joint and Molded Cable. IP 67 Rated. Cable Types: 06 | 07 = PVC, orange 224 | 225 | 265 = PUR, halogen-free, black 251 | 260 = PUR, halogen-free, weld and spark proof, orange Part No. RKWT/LED A 4-3-06/2 M RKWT/LED A 4-3-06/5 M RKWT/LED A 4-3-06/10 M RKWT/LED A 4-3-224/2 M RKWT/LED A 4-3-224/5 M RKWT/LED A 4-3-224/10 M RKWT/LED A 4-3-260/2 M RKWT/LED A 4-3-260/5 M RKWT/LED A 4-3-260/10 M RKWT/LED P 4-07/2 M RKWT/LED P 4-07/5 M RKWT/LED P 4-07/10 M RKWT/LED P 4-225/2 M RKWT/LED P 4-225/5 M RKWT/LED P 4-225/10 M RKWT/LED P 4-251/2 M RKWT/LED P 4-251/5 M RKWT/LED P 4-251/10 M RKWT/LED W 4-265/2 M RKWT/LED W 4-265/5 M RKWT/LED W 4-265/10 M RKWT/LED M12-Female Straight – LED Actuator-/Sensor-Cordsets with LED, Single Ended, M12-Female 90 ˚ Connector, 3-Poles with Threaded Joint and Molded Cable. IP 67 Rated. Cable Types: 632 | 633 = PVC, yellow Part No. RKWT/LED A 4-3-632/1 M RKWT/LED A 4-3-632/2 M RKWT/LED A 4-3-632/5 M RKWT/LED A 4-3-632/10 M RKWT/LED P 4-3-633/1 M RKWT/LED P 4-3-633/2 M RKWT/LED P 4-3-633/5 M RKWT/LED P 4-3-633/10 M RKWT/LED |