Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RSC5-7 Fiches technique(PDF) 10 Page - Lumberg

No de pièce RSC5-7
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUMBERG [Lumberg]
Site Internet  http://www.lumberg.com
Logo LUMBERG - Lumberg

RSC5-7 Fiches technique(HTML) 10 Page - Lumberg

Back Button RSC5-7 Datasheet HTML 6Page - Lumberg RSC5-7 Datasheet HTML 7Page - Lumberg RSC5-7 Datasheet HTML 8Page - Lumberg RSC5-7 Datasheet HTML 9Page - Lumberg RSC5-7 Datasheet HTML 10Page - Lumberg RSC5-7 Datasheet HTML 11Page - Lumberg RSC5-7 Datasheet HTML 12Page - Lumberg RSC5-7 Datasheet HTML 13Page - Lumberg RSC5-7 Datasheet HTML 14Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
10
Actuator/Sensor Distribution Boxes
M8 Distribution Boxes
Part No.
ASBSM 4/LED 3
ASBSM 6/LED 3
ASBSM 8/LED 3
ASBSM 10/LED 3
M8-Distribution Box
Actuator-/Sensor-Distribution Box with LED (PnP), Top
Entry, 4-, 6-, 8- and 10-Port, M8 Sockets, 3-Poles,
1 Signal per Port with M12 Quick Disconnect. IP 67
Rated.
Home Run Connector: RKT 12-348/...M
M8-Distribution Box
Actuator-/Sensor-Distribution Box with LED (PnP),
Top Entry, 4-, 6-, 8-, 10- and 12-Port, M8 Sockets,
3-Poles, 1 Signal per Port, Halogen Free PUR Cable
Jacket. IP 67 Rated.
Cable Type: 343 | 344 | 345 | 346 | 347
PUR halogen-free, black
M8-Distribution Box
Actuator-/Sensor-Distribution Box with LED (PnP), Top
Entry, 4-Ports, 3-Poles, M8 Sockets, 1 Signal per Port
with M12 On-board Quick Disconnect. IP 67 Rated.
M8-Distribution Box
Actuator-/Sensor-Distribution Box with LED (PnP), Top
Entry, 8 Ports, 3-Poles, M8 Sockets,1 Signal per Port,
Halogen Free PUR Home Run Cable. IP 67 Rated.
Cable Type: 333
PUR halogen-free, black
Part No.
Part No.
ASBM 4/LED 3-343/5 M
ASBM 10/LED 3-346/5 M
ASBM 4/LED 3-343/10 M
ASBM 10/LED 3-346/10 M
ASBM 4/LED 3-343/15 M
ASBM 10/LED 3-346/15 M
ASBM 6/LED 3-344/5 M
ASBM 12/LED 3-347/5 M
ASBM 6/LED 3-344/10 M
ASBM 12/LED 3-347/10 M
ASBM 6/LED 3-344/15 M
ASBM 12/LED 3-347/15 M
ASBM 8/LED 3-345/5 M
ASBM 8/LED 3-345/10 M
ASBM 8/LED 3-345/15 M
Part No.
SBS 4/LED 3
Part No.
SB 8/LED 3-333/5 M
SB 8/LED 3-333/10 M
ASBSM.../LED
ASBM.../LED
SBS 4/LED
SB 8/LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More