| Moteur de recherche de fiches techniques de composants électroniques |
|
ASBSV6-LED5 Fiches technique(PDF) 92 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
ASBSV6-LED5 Fiches technique(HTML) 92 Page - Lumberg |
|
92 / 178 page ![]() 1-717-217-2299 www.lumberg-automationusa.com 92 LioN-Link BusHeads, I/O Modules 0940 DSL 601 | 0940 PSL 60.. | 0940 ESL 601 | 0940 CSL 601 0942 UEM 650 0942 UEM 651 Part No. 0940 DSL 601 0940 PSL 601 0940 PSL 602 0940 PSL 603 0940 ESL 601 0940 CSL 601 Part No. 0942 UEM 650 Part No. 0942 UEM 651 LioN-Link BusHeads LioN-Link-BusHead IP 67 Bus Coupler Modules for the Connection Between the Higher Level Fieldbus and the Fieldbus Independent I/O Modules, with M12 Bus Connection, Rotary Switches for Addressing and M12 LioN-Link Connection. M12 Power Supply Connection. 0940 DSL 601: DeviceNet Slave 0940 PSL 601: Profibus Slave 0940 PSL 602 (DP V1): Profibus-Slave, Supports Profibus DP-V1 0940 PSL 603: Profibus-Slave, for Applications Such as Tool Change or Options Handling with LioN-Link I/O Module 0942 UEM 670 0940 ESL 601: Profinet-I/O Device Slave (Profinet LAN) 0940 CSL 601: CANopen®-Slave 8 IN/8 OUT Universal LioN-Link I/O Module with 8 Digital I/O Channels. Channels can be Used Universally as Inputs or Outputs, M8 Sockets (8x), 3-Poles, M12 Actuator Supply. 8 IN LioN-Link I/O Module with 8 Digital Inputs to Connect Standard Sensors, M8 Sockets (8x), 3-Poles |