| Moteur de recherche de fiches techniques de composants électroniques |
|
ASBSV6-LED5 Fiches technique(PDF) 33 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
ASBSV6-LED5 Fiches technique(HTML) 33 Page - Lumberg |
|
33 / 178 page ![]() www.lumberg-automationusa.com 1-717-217-2299 33 M23 Female Straight M23 Cordsets, Single Ended, Female Straight Connector, 12- and 19-Poles with Threaded Joint (RKUE with connected protective ground), and Molded Cable. IP 67 Rated. – Used to connect to pluggable actuator/sensor distribution boxes – Cable Types: 242 | 256 = PUR, halogen-free, black M23 Female 90˚ M23 Cordsets, Single Ended, Female 90 ˚ Connector, 12- and 19-Poles with Threaded Joint (RKUE with connected protective ground), and Molded Cable. IP 67 Rated. – Used to connect to pluggable actuator/sensor distribution boxes – Cable Types: 242 | 256 = PUR, halogen-free, black RKU | RKUE RKWU | RKWUE Part No. RKU 12-256/5 M RKU 12-256/10 M RKU 12-256/15 M RKU 12-256/20 M RKU 19-242/5 M RKU 19-242/10 M RKU 19-242/15 M RKU 19-242/20 M RKUE 19-242/5 M RKUE 19-242/10 M RKUE 19-242/15 M RKUE 19-242/20 M Part No. RKWU 12-256/5 M RKWU 12-256/10 M RKWU 12-256/15 M RKWU 12-256/20 M RKWU 19-242/5 M RKWU 19-242/10 M RKWU 19-242/15 M RKWU 19-242/20 M RKWUE 19-242/5 M RKWUE 19-242/10 M RKWUE 19-242/15 M RKWUE 19-242/20 M Cordsets Single-Ended M23 -Round-Plug Connector Actuators, Sensors and Distribution Boxes M23-Single-Ended Cordsets |